Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR8050-B-R005-B-2-E Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # PMR8050-B-R005-B-2-E
Description  Power Metal Low OHM Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR8050-B-R005-B-2-E Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  PMR8050-B-R005-B-2-E Datasheet HTML 1Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 2Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 3Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 4Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http:// www.sirectsemi.com
□ PART NUMBER INFORMATION
PMR2512 – A - R005 - a - 1 –A
PMR SERIES
Power Ratings
Package Model
Resistance Value
Tolerance
Temperature Coefficient
Packaging
PMR8050
PMR2010
PMR2512
A=0.125W
B=0.25W
C=0.5W
D=1W
E=2W
R005=5mΩ
R050=50mΩ
1=±0.5%
2=±1%
3=±3%
a=±75ppm/
֯
C
b=±100ppm/
֯
C
c=±150ppm/
֯
C
d=±275ppm/
֯
C
A=500 pcs/reel
B=1,000 pcs/reel
C=2,000 pcs/reel
D=4,000 pcs/reel
E=5,000 pcs/reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com