Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RHF/PROTO Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL73096RHF/PROTO Datasheet(HTML) 3 Page - Intersil Corporation

  ISL73096RHF/PROTO Datasheet HTML 1Page - Intersil Corporation ISL73096RHF/PROTO Datasheet HTML 2Page - Intersil Corporation ISL73096RHF/PROTO Datasheet HTML 3Page - Intersil Corporation ISL73096RHF/PROTO Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications
at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6475.3
November 12, 2009
For additional products, see www.intersil.com/product_tree
Die Characteristics
DIE DIMENSIONS:
52.8 mils x 52.0 mils x 14 mils ±1 mil
1340μm x 1320µm x 355.6µm ±25.4µm
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 4k
Å ±0.5kÅ
Top Metallization:
Type: Metal 1: AlCu (2%)/TiW
Thickness: Metal 1: 8k
Å ±0.5kÅ
Type: Metal 2: AlCu (2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
Substrate:
UHF-1X Bonded Wafer, DI
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Floating
ADDITIONAL INFORMATION:
Worst Case Current Density:
3.04 x 105A/cm2
Transistor Count:
5
Metallization Mask Layout
FIGURE 1. ISL73096RH, ISL73127RH
(1) Q1C
(2) Q2C
(3) Q2E
(4) Q2B
(5) NC
(6) Q3C
(7) Q3E (8) Q3B (9) Q4B(10) Q4E
(11) Q4
(12) Q5
(13) Q5
(14) Q5
(15) Q1B
(16) Q1E
ISL73096RH, ISL73127RH, ISL73128RH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com