Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RHF/PROTO Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL73096RHF/PROTO Datasheet(HTML) 1 Page - Intersil Corporation

  ISL73096RHF/PROTO Datasheet HTML 1Page - Intersil Corporation ISL73096RHF/PROTO Datasheet HTML 2Page - Intersil Corporation ISL73096RHF/PROTO Datasheet HTML 3Page - Intersil Corporation ISL73096RHF/PROTO Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Radiation Hardened Ultra High Frequency
NPN/PNP Transistor Arrays
ISL73096RH, ISL73127RH, ISL73128RH
The ISL73096RH, ISL73127RH and ISL73128RH are
radiation hardened bipolar transistor arrays. The
ISL73096RH consists of three NPN transistors and two
PNP transistors on a common substrate. The
ISL73127RH consists of five NPN transistors on a
common substrate. The ISL73128RH consists of five PNP
transistors on a common substrate. One of our bonded
wafer, dielectrically isolated fabrication processes
provides an immunity to Single Event Latch-up and the
capability of highly reliable performance in any radiation
environment.
The high gain-bandwidth product and low noise figure of
these transistors make them ideal for use in high
frequency amplifier and mixer applications. Monolithic
construction of the NPN and PNP transistors provides the
closest electrical and thermal matching possible. Access
is provided to each terminal of the transistors for
maximum application flexibility.
Specifications for Rad Hard QML devices are
controlled by the Defense Supply Center in
Columbus (DSCC). The SMD numbers listed here
must be used when ordering.
Detailed Electrical Specifications for these
devices are contained in SMD 5962-07218. A
“hot-link” is provided on our website for
downloading.
Features
• Electrically Screened to SMD # 5962-07218
• QML Qualified per MIL-PRF-38535 Requirements
•Radiation Environment
- Gamma Dose (γ) . . . . . . . . . . 3 x 105RAD(Si)
- SEL Immune . . Bonded Wafer Dielectric Isolation
• NPN Gain Bandwidth Product (FT) . . . 8GHz (Typ)
• NPN Current Gain (hFE). . . . . . . . . . . . 130 (Typ)
•NPN Early Voltage (VA) . . . . . . . . . . . . 50V (Typ)
• PNP Gain Bandwidth Product (FT) . . . 5.5GHz (Typ)
• PNP Current Gain (hFE) . . . . . . . . . . . . . 60 (Typ)
•PNP Early Voltage (VA) . . . . . . . . . . . . 20V (Typ)
•Noise Figure (50Ω) at 1GHz . . . . . . . . 3.5dB (Typ)
• Collector-to-Collector Leakage . . . . . . <1pA (Typ)
• Complete Isolation Between Transistors
Applications
• High Frequency Amplifiers and Mixers
- Refer to Application Note AN1503
• High Frequency Converters
• Synchronous Detector
Ordering Information
ORDERING NUMBER
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
5962F0721801V9A
ISL73096RHVX
-55 to +125
DIE
5962F0721801VXC
ISL73096RHVF (Notes 1, 2)
-55 to +125
16 LD FLATPACK
5962F0721802V9A
ISL73127RHVX
-55 to +125
DIE
5962F0721802VXC
ISL73127RHVF (Notes 1, 2)
-55 to +125
16 LD FLATPACK
5962F0721803V9A
ISL73128RHVX
-55 to +125
DIE
5962F0721803VXC
ISL73128RHVF (Notes 1, 2)
-55 to +125
16 LD FLATPACK
ISL73096RHF/PROTO
ISL73096RHF/PROTO
-55 to +125
ISL73096RHX/SAMPLE
ISL73096RHX/SAMPLE
-55 to +125
DIE
ISL73127RHF/PROTO
ISL73127RHF/PROTO
-55 to +125
ISL73127RHX/SAMPLE
ISL73127RHX/SAMPLE
-55 to +125
DIE
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners..
November 12, 2009
FN6475.3


Similar Part No. - ISL73096RHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73096RHF/PROTO INTERSIL-ISL73096RHF/PROTO Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
logo
Renesas Technology Corp
ISL73096RHF/PROTO RENESAS-ISL73096RHF/PROTO Datasheet
475Kb / 11P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
June 27, 2014
More results

Similar Description - ISL73096RHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
NPN/PNP Transistor Arrays
December 1997
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
Ultra High Frequency Transistor Arrays
October 1998
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
June 1999
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
Radiation Hardened Ultra High Frequency NPN Transistor Array
1999 08
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
NPN/PNP Transistor Arrays
January 2004
HFA3046 INTERSIL-HFA3046_05 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
Ultra High Frequency Transistor Arrays
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
Ultra High Frequency Transistor Arrays
Jan 24, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com