Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-705RH Datasheet(PDF) 2 Page - Intersil Corporation

Part # IS-705RH
Description  Radiation Hardened Power-Up/Down Microprocessor Reset Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS-705RH Datasheet(HTML) 2 Page - Intersil Corporation

  IS-705RH Datasheet HTML 1Page - Intersil Corporation IS-705RH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Die Characteristics
DIE DIMENSIONS:
1500
µm x 1830µm (59 mils x 72 mils)
Thickness: 483
µm ±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS
Glassivation
Type: Nitride (Si3N4) over Silox (SiO2)
Nitride Thickness: 4.0kÅ
±1.0kÅ
Silox Thickness: 12.0kÅ
±4.0kÅ
Top Metallization
Top Metal 3: TiAlCu
Thickness: 0.8
µm ±0.02µm
Metal 1 and 2: TiAlCu
Thickness: 0.4
µm ±0.01µm
Substrate:
UHF2X-CMOS
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential:
Backside internally connected to GND
(May be left floating or connected to GND.)
ADDITIONAL INFORMATION
Worst Case Current Density:
<2.0 x 105 A/cm2
Metallization Mask Layout
IS-705RH
NOTES:
1. Octagonal trim pads should be left unconnected.
VCC (2)
GND (3)
PFI (4)
PFO (5)
WDI (6)
RESET (7)
WDO (8)
MR (1)
IS-705RH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com