Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-705RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # IS-705RH
Description  Radiation Hardened Power-Up/Down Microprocessor Reset Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS-705RH Datasheet(HTML) 1 Page - Intersil Corporation

  IS-705RH Datasheet HTML 1Page - Intersil Corporation IS-705RH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TM
FN4703.4
IS-705RH
Radiation Hardened Power-Up/Down
Microprocessor Reset Circuit
The Radiation Hardened IS-705RH is
a monolithic device that monitors the
power supply voltage used by
satellite control units and provides a
reset output pulse during power-up and power-down. The
reset threshold is 4.65V (Typ) and the reset pulse width is set
at 200ms (Typ). A watchdog circuit is incorporated for easy
interfacing with microprocessors and controllers. If the
watchdog input has not been toggled within a preset
1.6s (Typ) time period, an output signal is generated, which
can be used as an interupt. The power function input (PFI)
may be used to monitor other voltage levels. The circuit has a
1.25V (Typ) threshold and provides a PFO output when low
voltage is detected. An active-low manual reset input in also
provided for direct control of the reset function.
Constructed with the Intersil UHF2X-CMOS process, these
devices have been specifically designed to provide highly
reliable performance in harsh radiation environments. This
process has been tested for single event latch-up and has
demonstrated an immunity to 90MeV/mg/cm2.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-00538. A “hot-link” is provided
on our homepage for downloading.
Pinout
IS9-705RH
FLATPACK
TOP VIEW
Features
• Electrically Screened to SMD # 5962-00538
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardness
- Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
- Single Event Latch-up . . . . . . . . . . . . >90MeV/mg/cm2
• Precision 4.65V Voltage Monitor
• Wide Operating Supply Range . . . . . . . . . . . 1.2V to 5.5V
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 420
µA (Typ)
• 200ms (Typ) RESET Pulse Width
Applications
• Flight Computers
• Controllers
• Critical Microprocessor Power Monitoring
• Reliable Replacement of Discrete Solutions
TM
MR
VCC
GND
PFI
1
2
3
4
8
7
6
5
WDO
RESET
WDI
PFO
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R0053801QXC
IS9-705RH-8
-55 to 125
5962R0053801VXC
IS9-705RH-Q
-55 to 125
5962R0053801V9A
IS0-705RH-Q
-55 to 125
IS9-705RH/Proto
IS9-705RH/Proto
-55 to 125
Data Sheet
December 2001
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved
Star*Power™ is a trademark of Intersil Americas Inc.


Similar Part No. - IS-705RH

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS-70 PAIRUI-IS-70 Datasheet
757Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-70 PAIRUI-IS-70 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS-70 PAIRUI-IS-70_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS-705RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CTS191MS INTERSIL-CTS191MS Datasheet
166Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS190MS INTERSIL-HCS190MS Datasheet
121Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS193MS INTERSIL-HCS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS190MS INTERSIL-HCTS190MS Datasheet
157Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS INTERSIL-HCTS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS INTERSIL-HCTS191MS Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Renesas Technology Corp
HCS193MS RENESAS-HCS193MS Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS RENESAS-HCTS191MS Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS RENESAS-HCTS193MS Datasheet
485Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com