Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ZRF Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ZRF
Description  Radial Leaded PTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRF Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ZRF Datasheet HTML 1Page - Bel Fuse Inc. 0ZRF Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0ZRF1007C
A B C D E
a = 0ZRF0018
b = All other 0ZRF devices
a
b
Radial Leaded PTC
0ZRF Series
RoHS6 Compliant
defining a degree of excellence
Specifications subject to change without notice
Corporate Office
Bel Fuse Inc.
Far East Office
Bel Fuse Ltd.
European Office
Bel Stewart GmbH
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Industriestrasse 20
61381 Friedrichdorf
Germany
Tel: 49.6172.9552.0
Fax: 49.6172.9552.40
Ambient Temperature (°C)
1. Operation beyond the specified maximum
ratings or improper use may result in damage
2. These Polymer PTC (PPTC) devices are intended for
protection against occasional overcurrent/
overtemperature fault conditions and may not be
suitable for use in applications where repeated and/
or prolonged fault conditions are anticipated.
3. Avoid contact of PTC device with chemical solvent.
Prolonged contact may adversely impact the PTC
performance.
4. These PTC devices may not be suitable for use in
circuits with a large inductance, as the PTC trip can
generate circuit voltage spikes above the PTC
rated voltage.
Cautionary Notes
Thermal Derating Curve
Typical Time - To - Trip at 23°C
(See Elec. Characteristics Table for P/N - Curve Correlation)
Fault Current (A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com