Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ZRF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ZRF
Description  Radial Leaded PTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ZRF Datasheet HTML 1Page - Bel Fuse Inc. 0ZRF Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead material
Tin plated copper, 22 AWG.
Soldering characteristics
MIL-STD-202, Method 208E.
Insulating coating
Flame retardant epoxy, meets UL-94-V-0 requirements.
Physical specifications
PTC Marking
0ZRF1007D
Application
Telecommunication and data transmission
Product Features
Telecom Power Cross Protection
Operating (Hold Current) Range
0.08 A ~ 0.18A
Maximum Voltage
60VDC
Temperature Range
-40°C to 85°C
Agency Approval
TUV (Std. EN60738-1-1, Cert. R50102125)
UL Component (Std. UL1434, File E305051)
UL Conditions of Acceptability:
1.These devices have been investigated for use in safety
circuits and are suitable as a limiting device.
2.These devices have been calibrated to limit the current
to 8 amps within 5 seconds, per ANSI/NFPA 70,
“National Electrical Code”
IH
Hold current-maximum current at which the device will not trip in still air at 23°C.
IT
Trip current-minimum current at which the device will always trip in still air at 23°C.
Imax
Maximum fault current device can withstand without damage at rated voltage (Vmax).
Vmax Maximum voltage device can withstand without damage at its rated current.
VImax The highest short duration (15 minutes or less) voltage that device can safely interrupt
Pd
Typical power dissipated by device when in tripped state in 23°C still air environment.
Rmin
Minimum device resistance at 23°C.
Rmax Maximum device resistance at 23°C.
R1max Maximum device resistance at 23°C, 1 hour after initial device trip.
Note
0ZRF products are designed to assist equipment to comply with ITU, UL1950 and/or GR1089
Caution
0ZRF devices are not intended for continuous use of Line Voltage such as 120
VAC ~ 600VAC and above.
Product Dimensions
Fig 1
Fig 2
Standard Package
defining a degree of excellence
Radial Leaded PTC
0ZRF Series
RoHS6 Compliant
Electrical Characteristics (23°C)
Bel Fuse Inc
. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel:201 - 432 - 0463 • Fax:201 - 432 - 9542 • E-Mail: belfuse@belfuse.com
Website:www.belfuse.com
Specifications subject to change without notice
ø
All dimensions
in mm
“bel” or “b”, IH code and “RF”.


Similar Part No. - 0ZRF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRF BEL-0ZRF Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
603Kb / 4P
Radial Leaded PTC
0ZRF0008FF1E BEL-0ZRF0008FF1E Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRF0008FF1E BEL-0ZRF0008FF1E Datasheet
603Kb / 4P
Radial Leaded PTC
0ZRF0011FF1E BEL-0ZRF0011FF1E Datasheet
1Mb / 4P
Radial Leaded PTC
More results

Similar Description - 0ZRF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
Radial Leaded PTC
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRS0050FF1E BEL-0ZRS0050FF1E Datasheet
822Kb / 4P
Radial Leaded PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com