Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3C55 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP3C55
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55 Datasheet(HTML) 2 Page - Altera Corporation

  EP3C55 Datasheet HTML 1Page - Altera Corporation EP3C55 Datasheet HTML 2Page - Altera Corporation EP3C55 Datasheet HTML 3Page - Altera Corporation EP3C55 Datasheet HTML 4Page - Altera Corporation EP3C55 Datasheet HTML 5Page - Altera Corporation EP3C55 Datasheet HTML 6Page - Altera Corporation EP3C55 Datasheet HTML 7Page - Altera Corporation EP3C55 Datasheet HTML 8Page - Altera Corporation EP3C55 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1–2
Chapter 1: Cyclone III Device Data Sheet
Electrical Characteristics
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
Maximum Allowed Overshoot or Undershoot Voltage
During transitions, input signals may overshoot to the voltage listed in Table 1–2 and
undershoot to –2.0 V for a magnitude of currents less than 100 mA and for periods
shorter than 20 ns. Table 1–2 lists the maximum allowed input overshoot voltage and
the duration of the overshoot voltage as a percentage over the lifetime of the device.
The maximum allowed overshoot duration is specified as percentage of high-time
over the lifetime of the device.
1 A DC signal is equivalent to 100% duty cycle. For example, a signal that overshoots to
4.2 V can only be at 4.2 V for 10.74% over the lifetime of the device; for device lifetime
of 10 years, this amounts to 10.74/10ths of a year.
I
OUT
DC output current, per pin
–25
40
mA
V
ES DHBM
Electrostatic discharge voltage using the human
body model
—
±2000
V
V
ES DCDM
Electrostatic discharge voltage using the
charged device model
—±500
V
T
STG
Storage temperature
–65
150
°C
T
J
Operating junction temperature
–40
125
°C
Note to Table 1–1:
(1) Supply voltage specifications apply to voltage readings taken at the device pins with respect to ground, not at the
power supply.
Table 1–1. Cyclone III Devices Absolute Maximum Ratings
(Note 1)
(Part 2 of 2)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com