Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3C55 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP3C55
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55 Datasheet(HTML) 3 Page - Altera Corporation

  EP3C55 Datasheet HTML 1Page - Altera Corporation EP3C55 Datasheet HTML 2Page - Altera Corporation EP3C55 Datasheet HTML 3Page - Altera Corporation EP3C55 Datasheet HTML 4Page - Altera Corporation EP3C55 Datasheet HTML 5Page - Altera Corporation EP3C55 Datasheet HTML 6Page - Altera Corporation EP3C55 Datasheet HTML 7Page - Altera Corporation EP3C55 Datasheet HTML 8Page - Altera Corporation EP3C55 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–3
Electrical Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
Table 1–2. Cyclone III Devices Maximum Allowed Overshoot During Transitions over a 10-Year Time
Frame
(Note 1)
Symbol
Parameter
Condition
Overshoot Duration as % of High Time
Unit
V
i
AC Input
Voltage
V
I = 3.95 V
100
%
V
I = 4.0 V
95.67
%
V
I = 4.05 V
55.24
%
V
I = 4.10 V
31.97
%
V
I = 4.15 V
18.52
%
V
I = 4.20 V
10.74
%
V
I = 4.25 V
6.23
%
V
I = 4.30 V
3.62
%
V
I = 4.35 V
2.1
%
V
I = 4.40 V
1.22
%
V
I = 4.45 V
0.71
%
V
I = 4.50 V
0.41
%
V
I = 4.60 V
0.14
%
V
I = 4.70 V
0.047
%
Note to Table 1–2:
(1) Figure 1–1 shows the methodology to determine the overshoot duration. In the example in Figure 1–1, overshoot
voltage is shown in red and is present on the input pin of the Cyclone III device at over 4.1 V but below 4.2 V. From
Table 1–1, for an overshoot of 4.1 V, the percentage of high time for the overshoot can be as high as 31.97% over
a 10-year period. Percentage of high time is calculated as ([delta T]/T) × 100. This 10-year period assumes the
device is always turned on with 100% I/O toggle rate and 50% duty cycle signal. For lower I/O toggle rates and
situations in which the device is in an idle state, lifetimes are increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com