Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETFV25 Datasheet(PDF) 2 Page - EPCOS

Part # ETFV25
Description  SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ETFV25 Datasheet(HTML) 2 Page - EPCOS

  ETFV25 Datasheet HTML 1Page - EPCOS ETFV25 Datasheet HTML 2Page - EPCOS ETFV25 Datasheet HTML 3Page - EPCOS ETFV25 Datasheet HTML 4Page - EPCOS ETFV25 Datasheet HTML 5Page - EPCOS ETFV25 Datasheet HTML 6Page - EPCOS ETFV25 Datasheet HTML 7Page - EPCOS ETFV25 Datasheet HTML 8Page - EPCOS ETFV25 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Terminals: tinned copper wire, metal compound wire
Housing: thermoplastic, flame-retardant to UL 94 V-0
Features
Wide operating voltage range 115 … 420 VRMS
Self-protected under abnormal overvoltage conditions
Very high surge current ratings of 20 kA
Approvals
UL
Applications
Air conditioner, refrigerator, TV, etc.
Power meter, inverter, telecom equipment, etc.
Transient voltage surge suppressors (TVSS)
Delivery mode
Bulk (standard)
Typical applications
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
40 ... + 85
°C
Storage temperature
40 ... +125
°C
Electric strength
to CECC 42 000
≥ 2.5
kVRMS
Response time
< 25
ns
Housed varistors
ETFV25
ThermoFuse varistors, ETFV25 series
Page 2 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com