Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETFV25 Datasheet(PDF) 3 Page - EPCOS

Part # ETFV25
Description  SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ETFV25 Datasheet(HTML) 3 Page - EPCOS

  ETFV25 Datasheet HTML 1Page - EPCOS ETFV25 Datasheet HTML 2Page - EPCOS ETFV25 Datasheet HTML 3Page - EPCOS ETFV25 Datasheet HTML 4Page - EPCOS ETFV25 Datasheet HTML 5Page - EPCOS ETFV25 Datasheet HTML 6Page - EPCOS ETFV25 Datasheet HTML 7Page - EPCOS ETFV25 Datasheet HTML 8Page - EPCOS ETFV25 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
B72225T4111K101
ETFV25K115E4
115
150
20000
170
1.0
B72225T4131K101
ETFV25K130E4
130
170
20000
185
1.0
B72225T4141K101
ETFV25K140E4
140
180
20000
195
1.0
B72225T4151K101
ETFV25K150E4
150
200
20000
215
1.0
B72225T4171K101
ETFV25K175E4
175
225
20000
245
1.0
B72225T4211K101
ETFV25K210E4
210
270
20000
290
1.0
B72225T4231K101
ETFV25K230E4
230
300
20000
315
1.0
B72225T4251K101
ETFV25K250E4
250
320
20000
345
1.0
B72225T4271K101
ETFV25K275E4
275
350
20000
375
1.0
B72225T4301K101
ETFV25K300E4
300
385
20000
410
1.0
B72225T4321K101
ETFV25K320E4
320
420
20000
445
1.0
B72225T4351K101
ETFV25K350E4
350
460
20000
495
1.0
B72225T4381K101
ETFV25K385E4
385
505
20000
600
1.0
B72225T4421K101
ETFV25K420E4
420
560
20000
700
1.0
Characteristics (TA = 25
°C)
Ordering code
Type
(untaped)
SIOV-
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72225T4111K101
ETFV25K115E4
180
±10
300
150
2280
B72225T4131K101
ETFV25K130E4
205
±10
340
150
2010
B72225T4141K101
ETFV25K140E4
220
±10
360
150
1860
B72225T4151K101
ETFV25K150E4
240
±10
395
150
1740
B72225T4171K101
ETFV25K175E4
270
±10
455
150
1500
B72225T4211K101
ETFV25K210E4
330
±10
545
150
1245
B72225T4231K101
ETFV25K230E4
360
±10
595
150
1140
B72225T4251K101
ETFV25K250E4
390
±10
650
150
1050
B72225T4271K101
ETFV25K275E4
430
±10
710
150
945
B72225T4301K101
ETFV25K300E4
470
±10
775
150
870
B72225T4321K101
ETFV25K320E4
510
±10
840
150
810
B72225T4351K101
ETFV25K350E4
560
±10
910
150
750
B72225T4381K101
ETFV25K385E4
620
±10
1025
150
675
B72225T4421K101
ETFV25K420E4
680
±10
1120
150
630
Housed varistors
ETFV25
ThermoFuse varistors, ETFV25 series
Page 3 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com