Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV641
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV641 Datasheet HTML 9Page - National Semiconductor (TI) LMV641 Datasheet HTML 10Page - National Semiconductor (TI) LMV641 Datasheet HTML 11Page - National Semiconductor (TI) LMV641 Datasheet HTML 12Page - National Semiconductor (TI) LMV641 Datasheet HTML 13Page - National Semiconductor (TI) LMV641 Datasheet HTML 14Page - National Semiconductor (TI) LMV641 Datasheet HTML 15Page - National Semiconductor (TI) LMV641 Datasheet HTML 16Page - National Semiconductor (TI) LMV641 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
In this circuit, the use of a 9-volt alkaline battery exploits the
LMV641’s high voltage and low supply current for a low pow-
er, portable current sensing application. The sensor converts
an incident magnetic field (via the magnetic flux linkage) in
the sensitive direction, to a balanced voltage output. The
LMV641 can be utilized for moderate to high current sensing
applications (from a few milliamps and up to 20A) using a
nearby external conductor providing the sensed magnetic
field to the bridge. The circuit shows a Honeywell HMC1051Z
used as a current sensor. Note that the circuit must be cali-
brated based on the final displacement of the sensed con-
ductor relative to the measurement bridge. Typically, once the
sensor has been oriented properly, with respect to the con-
ductor to be measured, the conductor can be placed about
one centimeter away from the bridge and have reasonable
capability of measuring from tens of milliamperes to beyond
20 amperes.
In Figure 4, U1 is configured as a single differential input am-
plifier. Its input impedance is relatively low, however, and
requires that the source impedance of the sensor be consid-
ered in the gain calculations. Also, the asymmetrical loading
on the bridge will produce a small offset voltage that can be
cancelled out with the offset trim circuit shown in Figure 4.
Figure 5 shows a typical magnetoresistive Wheatstone bridge
and the Thevenin equivalent of its resistive elements. As we
shall see, the Thevenin equivalent model of the sensor is
useful in calculating the gain needed in the differential ampli-
fier.
20203342
20203343
FIGURE 5. Anisotropic Magnetoresistive Wheatstone
Bridge Sensor, (a), and Thevenin Equivalent Circuit, (b)
Using Thevenin’s Theorem, the bridge can be reduced to two
voltage sources with series resistances.
ΔR is normally very
small in comparison to R, thus the Thevenin equivalent re-
sistance, commonly called the source resistance, can be
taken to be R. When a bias voltage is applied between V
EXC
and ground, in the absence of a magnetic field, all of the re-
sistances are considered equal. The voltage at Sig+ and Sig
− is half V
EXC, or 4.5V, and Sig+ - Sig− = 0. Bridges are de-
signed such that, when immersed in a magnetic field, oppo-
site resistances in the bridge change by ±
ΔR with an amount
proportional to the strength of the magnetic field. This causes
the bridge's output differential voltage, to change from its half
V
EXC value. Thus Sig+ - Sig− = Vsig ≠ 0. With four active
elements, the output voltage is:
Since
ΔR is proportional to the field strength, B
S, the amount
of output voltage from the sensor is a function of sensor sen-
sitivity,
S.
This
expression
can
rewritten
as
V
SIG = VEXC · S · BS, where
S = material constant (nominally 1 mV/V/gauss)
B
S = magnetic flux in gauss
A simplified schematic of a single op amp, differential ampli-
fier is shown in Figure 6. The Thevenin equivalent circuit of
the sensor can be used to calculate the gain of this amplifier.
20203344
FIGURE 6. Differential Input Amplifier
The Honeywell HMC1051Z AMR sensor has nominal 1 k
Ω
elements and a sensitivity of 1 mV/V/gauss and is being used
with 9V of excitation with a full scale magnetic field range of
±6 gauss. At full-scale, the resistors will have
ΔR
≈ 12Ω and
108 mV will be seen from Sig− to Sig+ (refer to Figure 7).
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com