Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV641
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV641 Datasheet HTML 10Page - National Semiconductor (TI) LMV641 Datasheet HTML 11Page - National Semiconductor (TI) LMV641 Datasheet HTML 12Page - National Semiconductor (TI) LMV641 Datasheet HTML 13Page - National Semiconductor (TI) LMV641 Datasheet HTML 14Page - National Semiconductor (TI) LMV641 Datasheet HTML 15Page - National Semiconductor (TI) LMV641 Datasheet HTML 16Page - National Semiconductor (TI) LMV641 Datasheet HTML 17Page - National Semiconductor (TI) LMV641 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
20203346
FIGURE 7. Sensor Output with No Load
Referring to the simplified diagram in Figure 6, and assuming
that required full scale at the output of the amplifier is 2.5V, a
gain of 23.2 is needed for U1. It is clear from the Thevenin
equivalent circuit in Figure 8 that a sensor Thevenin equiva-
lent source resistance, R
THEV, of 500Ω will be in series with
both the inverting and non-inverting inputs of the LMV641.
Therefore, the required gain is:
Choosing R
1 = R2 = 24.5 kΩ, then R4 will be approximately
580 k
Ω. The actual values chosen will depend on the full-
scale needs of the succeeding circuitry as well as bandwidth
requirements. The values shown here provide a −3 dB band-
width of approximately 431 kHz, and are found as follows.
20203347
FIGURE 8. Thevenin Equivalent Showing Required Gain
By choosing input resistor values for R
1 and R2 that are four
to ten times the bridge element resistance, the bridge is min-
imally loaded and the offset errors induced by the op amp
stages are minimized. These resistors should have 1% toler-
ance, or better, for the best noise rejection and offset mini-
mization.
Referring once again to Figure 4, U2 is an additional gain
stage with a thermistor element, R
TH, in the feedback loop. It
performs a temperature compensation function for the bridge
so that it will have greater accuracy over a wide range of op-
erational temperatures. With mangetoresistive sensors, tem-
perature drift of the bridge sensitivity is negative and linear,
and in the case of the sensor used here, is nominally −3000
PP/M. Thus the gain of U2 needs to increase proportionally
with increasing temperature, suggesting a thermistor with a
positive temperature coefficient. Selection of the temperature
compensation resistor, R
TH, depends on the additional gain
required, on the thermistor chosen, and is dependent on the
thermistor’s %/°C shift in resistance. For best op amp com-
patibility, the thermistor resistance should be greater than
1000
Ω. R
TH should also be much less than RA, the feedback
resistor. Because the temperature coefficient of the AMR
bridge is largely linear, R
TH also needs to behave in a linear
fashion with temperature, thus R
A is placed in parallel with
R
TH, which acts to linearize the thermistor.
Gain Error and Bandwidth Consideration if Using an
Analog to Digital Converter
The bandwidth available from Figure 4 is dependent on the
system closed loop gain required and the maximum gain-er-
ror allowed if driving an analog to digital converter (ADC). If
the output from the sensor is intended to drive an ADC, the
bandwidth will be considerably reduced from the closed-loop
corner frequency. This is because the gain error of the pre-
amplifier stage needs to be taken into account when calcu-
lating total error budget. Good practice dictates that the gain
error of the amplifier be less than or equal to half LSB (prefer-
ably less in order to allow for other system errors that will eat
up a portion of the available error budget) of the ADC. How-
ever, at the −3 dB corner frequency the gain error for any
amplifier is 29.3%. In reality, the gain starts rolling off long
before the −3 dB corner is reached. For example, if the am-
plifier is driving an 8-bit ADC, the minimum gain error allowed
for half LSB would be approximately 0.2%. To achieve this
gain error with the op amp, the maximum frequency of interest
can be no higher than
where n is the bit resolution of the ADC and f
−3 dB is the closed
loop corner frequency.
Given that the LMV641 has a GBW of 10 MHz, and is oper-
ating with a closed loop gain of 26.3, its closed loop bandwidth
is 380 kHZ, therefore
which is the highest frequency that can be measured with re-
quired accuracy.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com