Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MA
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV641MA Datasheet HTML 1Page - National Semiconductor (TI) LMV641MA Datasheet HTML 2Page - National Semiconductor (TI) LMV641MA Datasheet HTML 3Page - National Semiconductor (TI) LMV641MA Datasheet HTML 4Page - National Semiconductor (TI) LMV641MA Datasheet HTML 5Page - National Semiconductor (TI) LMV641MA Datasheet HTML 6Page - National Semiconductor (TI) LMV641MA Datasheet HTML 7Page - National Semiconductor (TI) LMV641MA Datasheet HTML 8Page - National Semiconductor (TI) LMV641MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2007
LMV641
10 MHz, 12V, Low Power Amplifier
General Description
The LMV641 is a low power, wide bandwidth operational am-
plifier with an extended power supply voltage range of 2.7V
to 12V.
It features 10 MHz of gain bandwidth product with unity gain
stability on a typical supply current of 138
μA. Other key spec-
ifications are a PSRR of 105 dB, CMRR of 120 dB, V
OS of
500 μV, input referred voltage noise of 14 nV/
, and a THD
of 0.002%. This amplifier has a rail-to-rail output stage, and a
common mode input voltage which includes the negative sup-
ply.
The LMV641 operates over a temperature range of −40°C to
+125°C and is offered in the board space saving 5-Pin SC70
and 8-Pin SOIC packages.
Features
Guaranteed 2.7V, and ±5V performance
Low power supply current
138 µA
High unity gain bandwidth
10 MHz
Max input offset voltage
500 µV
CMRR
120 dB
PSRR
105 dB
Input referred voltage noise
14 nV/
Hz
1/f corner frequency
4 Hz
Output swing with 2 kΩ load
40 mV from rail
Total harmonic distortion
0.002% @ 1 kHz, 2 k
Temperature range
−40°C to 125°C
Applications
Portable equipment
Automotive
Battery powered systems
Sensors and instrumentation
20203319
Offset Voltage Distribution
20203326
Open Loop Gain and Phase vs. Frequency
© 2007 National Semiconductor Corporation
202033
www.national.com


Similar Part No. - LMV641MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV641MA/NOPB TI1-LMV641MA/NOPB Datasheet
1Mb / 27P
LMV641
LMV641MA/NOPB TI2-LMV641MA/NOPB Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
LMV641MA/NOPB.A TI2-LMV641MA/NOPB.A Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
LMV641MAE/NOPB TI1-LMV641MAE/NOPB Datasheet
1Mb / 27P
LMV641
LMV641MAE/NOPB TI2-LMV641MAE/NOPB Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
More results

Similar Description - LMV641MA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
Low Frequency Amplifier (-12V, -2A)
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
US6X5 ROHM-US6X5_1 Datasheet
76Kb / 3P
Low frequency amplifier (12V, 2A)
logo
Microchip Technology
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
logo
Texas Instruments
LMV641 TI-LMV641_15 Datasheet
1Mb / 27P
LMV641 10 MHz, 12V, Low Power Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
RFX Ltd.
OS936-10 RFX-OS936-10 Datasheet
524Kb / 2P
10 MHz OCXO Sine Wave Oscillator 12V
Issue 2; 26th April 2022
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com