Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MA
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV641MA Datasheet HTML 6Page - National Semiconductor (TI) LMV641MA Datasheet HTML 7Page - National Semiconductor (TI) LMV641MA Datasheet HTML 8Page - National Semiconductor (TI) LMV641MA Datasheet HTML 9Page - National Semiconductor (TI) LMV641MA Datasheet HTML 10Page - National Semiconductor (TI) LMV641MA Datasheet HTML 11Page - National Semiconductor (TI) LMV641MA Datasheet HTML 12Page - National Semiconductor (TI) LMV641MA Datasheet HTML 13Page - National Semiconductor (TI) LMV641MA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Output Swing High vs. Supply Voltage
20203313
Output Swing Low vs. Supply voltage
20203314
Output Swing High vs. Supply Voltage
20203315
Output Swing Low and Supply Voltage
20203316
Slew Rate vs. Supply Voltage
20203372
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com