Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2956 Datasheet HTML 1Page - National Semiconductor (TI) LP2956 Datasheet HTML 2Page - National Semiconductor (TI) LP2956 Datasheet HTML 3Page - National Semiconductor (TI) LP2956 Datasheet HTML 4Page - National Semiconductor (TI) LP2956 Datasheet HTML 5Page - National Semiconductor (TI) LP2956 Datasheet HTML 6Page - National Semiconductor (TI) LP2956 Datasheet HTML 7Page - National Semiconductor (TI) LP2956 Datasheet HTML 8Page - National Semiconductor (TI) LP2956 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65°C to +150°C
Operating Junction
Temperature Range
−40°C to +125°C
Lead Temperature
(Soldering, 5 seconds)
260°C
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage
−20V to +30V
Feedback Input Voltage (Note 3)
−0.3V to +5V
Aux. Feedback Input Voltage (Note 3)
−0.3V to +5V
Shutdown Input Voltage (Note 3)
−0.3V to +30V
Comparator Input Voltage (Note 3,
Note 4)
−0.3V to +30V
Comparator Output Voltage (Note 3,
Note 4)
−0.3V to +30V
ESD Rating (Note 16)
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25°C, and limits in boldface type apply over the full operating temperature range. Limits
are guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless
otherwise specified: V
IN = 6V, CL = 2.2 μF (Main Output) and 10 μF (Auxiliary Output), Feedback pin is tied to 5V Tap pin, CIN = 1
μF, V
SD = 0V, Main Output pin is tied to Output Sense pin, Auxiliary Output is programmed for 5V. The main regulator output has
a 1 mA load, the auxiliary regulator output has a 100
μA load.
Symbol
Parameter
Conditions
Typical
LP2956AI
LP2956I
Units
Min
Max
Min
Max
MAIN OUTPUT
V
O
Output Voltage
5.0
4.975
5.025
4.950
5.050
4.940
5.060
4.900
5.100
V
1 mA
≤ I
L ≤ 250 mA
5.0
4.930
5.070
4.880
5.120
Temperature Coefficient
(Note 5)
20
100
150
ppm/°C
Line Regulation
V
IN = 6V to 30V
0.03
0.1
0.2
%
0.2
0.4
Load Regulation
I
L = 1 mA to 250 mA
0.04
0.16
0.20
%
I
L = 0.1 mA to 1 mA (Note 6)
0.20
0.30
V
IN–VO
Dropout Voltage
I
L = 1 mA
60
100
100
(Note 7)
150
150
I
L = 50 mA
240
300
300
420
420
mV
I
L = 100 mA
310
400
400
520
520
I
L = 250 mA
470
600
600
800
800
I
LIMIT
Current Limit
R
L = 1Ω
380
500
500
mA
530
530
Thermal Regulation
(Note 8)
0.05
0.2
0.2
%/W
e
n
Output Noise Voltage
C
L = 2.2 μF
400
(10 Hz to 100 KHz)
C
L = 33 μF
260
μV RMS
I
L = 100 mA
C
L = 33 μF (Note 9)
80
V
FB
Feedback Pin Voltage
1.23
1.215
1.245
1.205
1.255
V
I
FB
Feedback Pin Bias
20
40
40
nA
Current
60
60
I
O
Output Leakage
I
(SD IN) ≥ 1 μA
3
10
10
μA
(OFF)
In Shutdown
V
IN = 30V, VOUT = 0V
20
20
3
www.national.com
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com