Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2956 Datasheet HTML 1Page - National Semiconductor (TI) LP2956 Datasheet HTML 2Page - National Semiconductor (TI) LP2956 Datasheet HTML 3Page - National Semiconductor (TI) LP2956 Datasheet HTML 4Page - National Semiconductor (TI) LP2956 Datasheet HTML 5Page - National Semiconductor (TI) LP2956 Datasheet HTML 6Page - National Semiconductor (TI) LP2956 Datasheet HTML 7Page - National Semiconductor (TI) LP2956 Datasheet HTML 8Page - National Semiconductor (TI) LP2956 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LP2956/LP2956A
OBSOLETE
December 7, 2009
Dual Micropower Low-Dropout Voltage Regulators
General Description
The LP2956 is a micropower voltage regulator with very low
quiescent current (170
μA typical at light loads) and very low
dropout voltage (typically 60 mV at 1 mA load current and 470
mV at 250 mA load current on the main output).
The LP2956 retains all the desirable characteristics of the
LP2951, but offers increased output current (main output), an
auxiliary LDO adjustable regulated output (75 mA), and ad-
ditional features.
The auxiliary output is always on (regardless of main output
status), so it can be used to power memory circuits.
Quiescent current increases only slightly at dropout, which
prolongs battery life.
The error flag goes low if the main output voltage drops out
of regulation.
An open-collector auxiliary comparator is included, whose in-
verting input is tied to the 1.23V reference.
Reverse battery protection is provided.
The parts are available in DIP and surface mount packages.
Features
■ Output voltage adjusts from 1.23V to 29V
■ Guaranteed 250 mA current (main output)
■ Auxiliary LDO (75 mA) adjustable output
■ Auxiliary comparator with open-collector output
■ Shutdown pin for main output
■ Extremely low quiescent current
■ Low dropout voltage
■ Extremely tight line and load regulation
■ Very low temperature coefficient
■ Current and thermal limiting
■ Reverse battery protection
Applications
■ High-efficiency linear regulator
■ Low dropout battery-powered regulator
■ μP system regulator with switchable high-current V
CC
Block Diagram
LP2956
1133901
© 2009 National Semiconductor Corporation
11339
www.national.com
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15


Similar Part No. - LP2956

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
Dual Micropower Low-Dropout Voltage Regulators
LP2956AIM NSC-LP2956AIM Datasheet
501Kb / 16P
Dual Micropower Low-Dropout Voltage Regulators
LP2956AIN NSC-LP2956AIN Datasheet
501Kb / 16P
Dual Micropower Low-Dropout Voltage Regulators
LP2956AMJ-QML NSC-LP2956AMJ-QML Datasheet
501Kb / 16P
Dual Micropower Low-Dropout Voltage Regulators
LP2956IM NSC-LP2956IM Datasheet
501Kb / 16P
Dual Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2956

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com