Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035AMH
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035AMH Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM5035AMH Datasheet HTML 20Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 21Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 22Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 23Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 24Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 25Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 26Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 27Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
30034137
FIGURE 14. Latched Load Over-Voltage Protection
Figure 15 shows an application of the OVP comparator for
Remote Thermal Protection using a thermistor (or multiple
thermistors) which may be located near the main heat
sources of the power supply. The negative temperature co-
efficient (NTC) thermistor is nearly logarithmic, and in this
example a 100k
Ω thermistor with the β material constant of
4500 kelvins changes to approximately 2 k
Ω at 130°C. Setting
R1 to one-third of this resistance (665
Ω) establishes 130°C
as the desired trip point (for V
REF = 5V). In a temperature band
from 20°C below to 20°C above the OVP threshold, the volt-
age divider is nearly linear with 25 mV per°C sensitivity.
R2 provides temperature hysteresis by raising the OVP com-
parator input by R2 x 23 µA. For example, if a 22k
Ω resistor
is selected for R2, then the OVP pin voltage will increase by
22 k
Ω x 23 µA = 506 mV. The NTC temperature must there-
fore fall by 506mV / 25mV per°C = 20°C before the LM5035A
switches from the standby mode to the normal mode.
30034138
FIGURE 15. Remote Thermal Protection
HICCUP MODE CURRENT LIMIT RESTART (RES)
The basic operation of the hiccup mode current limit restart is
described in the functional description. The delay time to
restart is programmed with the selection of the RES pin ca-
pacitor C
RES as illustrated in Figure 15.
In the case of continuous cycle-by-cycle current limit detec-
tion at the CS pin, the time required for C
RES to reach the 2.5V
hiccup mode threshold is:
For example, if C
RES = 0.01 µF the time t1 is approximately
1.14 ms.
The cool down time, t2 is set by the soft-start capacitor (C
SS)
and the internal 1 µA SS current source, and is equal to:
If C
SS = 0.01 µF t2 is ≊10 ms.
The soft-start time t3 is set by the internal 110 µA current
source, and is equal to:
If C
SS = 0.01 µF t3 is ≊363 µs.
The time t2 provides a periodic cool-down time for the power
converter in the event of a sustained overload or short circuit.
This off time results in lower average input current and lower
power dissipation within the power components. It is recom-
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com