Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035AMH
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035AMH Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5035AMH Datasheet HTML 5Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 6Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 7Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 8Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 9Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 10Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 11Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 12Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Thermal Shutdown
T
SD
Shutdown temperature
165
°C
Hysteresis
20
°C
Thermal Resistance
θ
JA
Junction to ambient, 0 LFPM Air
Flow
TSSOP-20_EP package
40
°C/W
θ
JC
Junction to Case (EP) Thermal
resistance
TSSOP-20_EP package
4
°C/W
θ
JA
Junction to ambient, 0 LFM Air Flow LLP-24 (4 mm x 5 mm)
40
°C/W
θ
JC
Junction to Case Thermal resistance LLP-24 (4 mm x 5 mm)
6
°C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with T
A = 25°C. All hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 3: Typical specifications represent the most likely parametric norm at 25°C operation
Note 4: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. 2kV for all pins except HB, HO and HS which are rated
at 1.5kV.
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com