Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7341
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM7341 Datasheet HTML 1Page - National Semiconductor (TI) LM7341 Datasheet HTML 2Page - National Semiconductor (TI) LM7341 Datasheet HTML 3Page - National Semiconductor (TI) LM7341 Datasheet HTML 4Page - National Semiconductor (TI) LM7341 Datasheet HTML 5Page - National Semiconductor (TI) LM7341 Datasheet HTML 6Page - National Semiconductor (TI) LM7341 Datasheet HTML 7Page - National Semiconductor (TI) LM7341 Datasheet HTML 8Page - National Semiconductor (TI) LM7341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Charge-Device Model
1000V
V
IN Differential
±15V
Voltage at Input/Output Pin
(V+) + 0.3V, (V−) −0.3V
Supply Voltage (V
S = V
+ − V−)
35V
Input Current
±10 mA
Output Current(Note 3)
±20 mA
Power Supply Current
25 mA
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp.
(10 sec.)
260°C
Storage Temperature Range
−65°C to 150°C
Junction Temperature (Note 4)
150°C
Operating Ratings (Note 1)
Supply Voltage (V
S = V
+ − V−)
2.5V to 32V
Temperature Range (Note 4)
−40°C to 125°C
Package Thermal Resistance (
θ
JA)
5-Pin SOT-23
325°C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
A = 25°C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VOUT = 1.35V and RL > 1 MΩ to
1.35V. Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 0.5V and VCM = 2.2V
−4
−5
±0.2
+4
+5
mV
TCV
OS
Input Offset Voltage Temperature Drift
±2
μV/°C
I
B
Input Bias Current
V
CM = 0.5V
−180
−200
−90
nA
V
CM = 2.2V
30
60
70
I
OS
Input Offset Current
V
CM = 0.5V and VCM = 2.2V
1
40
50
nA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 1.0V
82
80
106
dB
0V
≤ V
CM ≤ 2.7V
62
60
80
PSRR
Power Supply Rejection Ratio
2.7V
≤ V
S ≤ 30V
V
CM = 0.5V
86
84
106
dB
CMVR
Common Mode Voltage Range
CMRR > 60 dB
−0.3
0.0
V
2.7
3.0
A
VOL
Open Loop Voltage Gain
0.5V
≤ V
O ≤ 2.2V
R
L = 10 kΩ to 1.35V
12
8
65
V/mV
V
OUT
Output Voltage Swing
High
R
L = 10 kΩ to 1.35V
V
ID = 100 mV
50
120
150
mV from
either rail
R
L = 2 kΩ to 1.35V
V
ID = 100 mV
95
150
200
Output Voltage Swing
Low
R
L = 10 kΩ to 1.35V
V
ID = −100 mV
55
120
150
R
L = 2 kΩ to 1.35V
V
ID = −100 mV
100
150
200
I
OUT
Output Current
Sourcing, V
OUT = 0V
V
ID = 200 mV
6
4
12
mA
Sinking, V
OUT = 0V
V
ID = −200 mV
5
3
10
I
S
Supply Current
V
CM = 0.5V and VCM = 2.2V
0.6
0.9
1.0
mA
SR
Slew Rate
±1V Step
1.5
V/
μs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com