Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7341
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7341 Datasheet HTML 1Page - National Semiconductor (TI) LM7341 Datasheet HTML 2Page - National Semiconductor (TI) LM7341 Datasheet HTML 3Page - National Semiconductor (TI) LM7341 Datasheet HTML 4Page - National Semiconductor (TI) LM7341 Datasheet HTML 5Page - National Semiconductor (TI) LM7341 Datasheet HTML 6Page - National Semiconductor (TI) LM7341 Datasheet HTML 7Page - National Semiconductor (TI) LM7341 Datasheet HTML 8Page - National Semiconductor (TI) LM7341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
October 13, 2008
LM7341 Rail-to-Rail Input/Output
±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23
Package
General Description
The LM7341 is a rail-to-rail input and output amplifier in a
small SOT-23 package with a wide supply voltage and tem-
perature range. The LM7341 has a 4.6 MHz gain bandwidth
and a 1.9 volt per microsecond slew rate, and draws 0.75 mA
of supply current at no load.
The LM7341 is tested at −40°C, 125°C and 25°C with modern
automatic test equipment. Detailed performance specifica-
tions at 2.7V, ±5V, and ±15V and over a wide temperature
range make the LM7341 a good choice for automotive, in-
dustrial, and other demanding applications.
Greater than rail-to-rail input common mode range with a
minimum 76 dB of common mode rejection at ±15V makes
the LM7341 a good choice for both high and low side sensing
applications.
LM7341 performance is consistent over a wide voltage range,
making the part useful for applications where the supply volt-
age can change, such as automotive electrical systems and
battery powered electronics.
The LM7341 uses a small SOT23-5 package, which takes up
little board space, and can be placed near signal sources to
reduce noise pickup.
Features
(V
S = ±15V, TA = 25°C, typical values.)
■ Tiny 5-pin SOT-23 package saves space
■ Greater than rail-to-rail input CMVR
−15.3V to 15.3V
■ Rail-to-rail output swing
−14.84V to 14.86V
■ Supply current
0.7 mA
■ Gain bandwidth
4.6 MHz
■ Slew Rate
1.9 V/µs
■ Wide supply range
2.7V to 32V
■ High power supply rejection ratio
106 dB
■ High common mode rejection ratio
115 dB
■ Excellent gain
106 dB
■ Temperature range
−40°C to 125°C
■ Tested at −40°C, 125°C and 25°C at 2.7V, ±5V and ±15V
Applications
■ Automotive
■ Industrial robotics
■ Sensor output buffers
■ Multiple voltage power supplies
■ Reverse biasing of photodiodes
■ Low current optocouplers
■ High side sensing
■ Comparator
■ Battery chargers
■ Test point output buffers
■ Below ground current sensing
Typical Performance Characteristics
Open Loop Frequency Response
20206046
Open Loop Frequency Response
20206047
© 2008 National Semiconductor Corporation
202060
www.national.com


Similar Part No. - LM7341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7341 TI-LM7341 Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
LM7341 TI2-LM7341 Datasheet
601Kb / 28P
LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
REVISED MARCH 2013
LM7341MF/NOPB TI-LM7341MF/NOPB Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
LM7341MF/NOPB TI2-LM7341MF/NOPB Datasheet
601Kb / 28P
LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
REVISED MARCH 2013
LM7341MFE/NOPB TI-LM7341MFE/NOPB Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
More results

Similar Description - LM7341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Linear Technology
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
Zero-Drift Operational Amplifier in SOT-23
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
KEC(Korea Electronics)
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
logo
Linear Technology
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
logo
Texas Instruments
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com