Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341MF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7341MF
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341MF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM7341MF Datasheet HTML 1Page - National Semiconductor (TI) LM7341MF Datasheet HTML 2Page - National Semiconductor (TI) LM7341MF Datasheet HTML 3Page - National Semiconductor (TI) LM7341MF Datasheet HTML 4Page - National Semiconductor (TI) LM7341MF Datasheet HTML 5Page - National Semiconductor (TI) LM7341MF Datasheet HTML 6Page - National Semiconductor (TI) LM7341MF Datasheet HTML 7Page - National Semiconductor (TI) LM7341MF Datasheet HTML 8Page - National Semiconductor (TI) LM7341MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
e
n
Input Referred Voltage Noise Density
f = 1 kHz
33
nV/
i
n
Input Referred Voltage Noise Density
f = 1 kHz
0.26
pA/
THD+N
Total Harmonic Distortion + Noise
f = 10 kHz
−66
dB
t
PD
Propagation Delay
Overdrive = 50 mV (Note 7)
8
µs
Overdrive = 1V (Note 7)
6
t
r
Rise Time
20% to 80% (Note 7)
5
µs
t
f
Fall Time
80% to 20% (Note 7)
5
µs
±15V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
A = 25°C, V
+ = 15V, V− = −15V, V
CM = VOUT = 0V and RL > 1 MΩ to 0V.
Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = −14.5V and VCM = 14.5V
−4
−5
±0.2
+4
+5
mV
TCV
OS
Input Offset Voltage Temperature Drift
±2
μV/°C
I
B
Input Bias Current
V
CM = −14.5V
−250
−300
−110
nA
V
CM = 14.5V
40
80
90
I
OS
Input Offset Current
V
CM = −14.5V and VCM = 14.5V
1
40
50
nA
CMRR
Common Mode Rejection Ratio
−15V
≤ V
CM ≤12V
84
82
115
dB
−15V
≤ V
CM ≤ 15V
78
76
100
PSRR
Power Supply Rejection Ratio
2.7V
≤ V
S ≤ 30V, VCM = −14.5V
86
84
106
dB
CMVR
Common Mode Voltage Range
CMRR > 80 dB
−15.3
−15.0
V
15.0
15.3
A
VOL
Open Loop Voltage Gain
−13V
≤ V
O ≤ 13V
R
L = 10 kΩ to 0V
25
15
200
V/mV
V
OUT
Output Voltage Swing
High
R
L = 10 kΩ to 0V
V
ID = 100 mV
135
300
400
mV from
either rail
Output Voltage Swing
Low
R
L = 10 kΩ to 0V
V
ID = −100 mV
160
300
400
I
OUT
Output Current
(Note 4)
Sourcing, V
OUT = −15V
V
ID = 200 mV
5
3
10
mA
Sinking, V
OUT = 15V
V
ID = −200 mV
8
5
13
I
S
Supply Current
V
CM = −14.5V and VCM = 14.5V
0.7
1.2
1.3
mA
SR
Slew Rate
±12V Step
1.9
V/
μs
GBW
Gain Bandwidth
f = 100 kHz, R
L = 100 kΩ
4.6
MHz
e
n
Input Referred Voltage Noise Density
f = 1 kHz
31
nV/
i
n
Input Referred Voltage Noise Density
f = 1 kHz
0.27
pA/
THD+N
Total Harmonic Distortion + Noise
f = 10 kHz
−65
dB
t
PD
Propagation Delay
Overdrive = 50 mV (Note 7)
17
µs
Overdrive = 1V (Note 7)
12
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com