Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341MF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7341MF
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341MF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM7341MF Datasheet HTML 12Page - National Semiconductor (TI) LM7341MF Datasheet HTML 13Page - National Semiconductor (TI) LM7341MF Datasheet HTML 14Page - National Semiconductor (TI) LM7341MF Datasheet HTML 15Page - National Semiconductor (TI) LM7341MF Datasheet HTML 16Page - National Semiconductor (TI) LM7341MF Datasheet HTML 17Page - National Semiconductor (TI) LM7341MF Datasheet HTML 18Page - National Semiconductor (TI) LM7341MF Datasheet HTML 19Page - National Semiconductor (TI) LM7341MF Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
INVERTING COMPARATOR WITH HYSTERESIS
The inverting comparator with hysteresis requires a three re-
sistor network that is referenced to the supply voltage V
CC of
the comparator, as shown in Figure 3. When V
IN at the in-
verting input is less than V
A, the voltage at the non-inverting
node of the comparator (V
IN < VA), the output voltage is high
(for simplicity assume V
OUT switches as high as VCC). The
three network resistors can be represented as R
1||R3 in series
with R
2. The lower input trip voltage VA1 is defined as
V
A1 = VCCR2 / ((R1||R3) + R2)
When V
IN is greater than VA (VIN > VA), the output voltage is
low, very close to ground. In this case the three network re-
sistors can be presented as R
2||R3 in series with R1. The
upper trip voltage V
A2 is defined as
V
A2 = VCC (R2||R3) / ((R1+ (R2||R3)
The total hysteresis provided by the network is defined as
Delta V
A = VA1- VA2
For example to achieve 50 mV of hysteresis when V
CC = 30V
set R
1 = 4.02 kΩ, R2 = 4.02 kΩ, and R3 = 1.21 MΩ. With these
resistors selected the error due to input bias current is ap-
proximately 1 mV. To minimize this error it is best to use low
resistor values on the inputs.
20206056
FIGURE 3. Inverting Comparator with Hysteresis
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com