Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TL Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48823TL
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823TL Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM48823TL Datasheet HTML 7Page - National Semiconductor (TI) LM48823TL Datasheet HTML 8Page - National Semiconductor (TI) LM48823TL Datasheet HTML 9Page - National Semiconductor (TI) LM48823TL Datasheet HTML 10Page - National Semiconductor (TI) LM48823TL Datasheet HTML 11Page - National Semiconductor (TI) LM48823TL Datasheet HTML 12Page - National Semiconductor (TI) LM48823TL Datasheet HTML 13Page - National Semiconductor (TI) LM48823TL Datasheet HTML 14Page - National Semiconductor (TI) LM48823TL Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
300684e2
FIGURE 4. Example Write Sequence
TABLE 2. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 R/W
Chip Address
1
1
1
0
1
1
0
0
TABLE 3. Mode Control Registers
Register Name
B7
B6
B5
B4
B3
B2
B1
B0
Mode Control
VOL4
VOL3
VOL2
VOL1
VOL0
0
ENABLE_A
ENABLE_B
GENERAL AMPLIFIER FUNCTION
The LM48823 is a ceramic speaker driver that utilizes National’s inverting charge pump technology to deliver over 15V
P-P to a
2.2µF ceramic speaker while operating from a single 4.2V supply. The LM48823 features a unique input stage that converts two
single-ended audio signals into a mono BTL output. This stereo to mono conversion is useful in applications where a stereo audio
source is driving a single ceramic speaker, such as a ringer on a cellular phone. Connect INA and INB as shown in Figure 5 for
the stereo-to-mono conversion. When the LM48823 is used with a single-ended mono audio source, connect both INA and INB to
the audio source as shown in Figure 6.
300684e4
FIGURE 5. Stereo to Mono Conversion Connection Example
300684e3
FIGURE 6. Mono Audio Source Connection Example
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com