Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48823TL
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823TL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM48823TL Datasheet HTML 9Page - National Semiconductor (TI) LM48823TL Datasheet HTML 10Page - National Semiconductor (TI) LM48823TL Datasheet HTML 11Page - National Semiconductor (TI) LM48823TL Datasheet HTML 12Page - National Semiconductor (TI) LM48823TL Datasheet HTML 13Page - National Semiconductor (TI) LM48823TL Datasheet HTML 14Page - National Semiconductor (TI) LM48823TL Datasheet HTML 15Page - National Semiconductor (TI) LM48823TL Datasheet HTML 16Page - National Semiconductor (TI) LM48823TL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SHUTDOWN FUNCTION
The LM48823 features a low-power shutdown mode that dis-
ables the device, lowering the quiescent current to 0.01µA.
Set bits B1 (ENABLE_A) and B2 (ENABLE_B) to 0 to disable
the amplifiers and charge pump. Set both ENABLE_A and
ENABLE_B to 1 for normal operation. Shutdown mode does
not clear the I2C register. When re-enabled, the device returns
to its previous volume setting. To clear the I2C register, either
remove power from the device, or toggle RESET (see RE-
SET section).
RESET
The LM48823 features an active low reset input. Driving RE-
SET low clears the I2C register. Volume control is set to 00000
(-70dB) and both ENABLE_A and ENABLE_B are set to 0,
disabling the device. While RESET is low, the LM48823 ig-
nores any I2C data. After the device is reset, and RESET is
driven high, the LM48823 remains in shutdown mode with the
volume set to -70dB. Re-enable the device by writing to the
I2C register.
PROPER SELECTION OF EXTERNAL COMPONENTS
Power Supply Bypassing/Filtering
Proper power supply bypassing is critical for low noise per-
formance and high PSRR. Place the supply bypass capaci-
tors as close to the device as possible. Place a 1µF ceramic
capacitor from V
DD to GND. Additional bulk capacitance may
be added as required.
Bypass Capacitor Selection
The BYPASS capacitor, C
BYPASS, improves PSRR, noise re-
jection and output offset. For best results, use a capacitor of
identical value to the input coupling capacitors
Charge Pump Capacitor Selection
Use low ESR ceramic capacitors (less than 100m
Ω) for opti-
mum performance.
Charge Pump Flying Capacitor (C1)
The flying capacitor (C1) affects the load regulation and out-
put impedance of the charge pump. A C1 value that is too low
results in a loss of current drive, leading to a loss of amplifier
headroom. A higher valued C1 improves load regulation and
lowers charge pump output impedance to an extent. Above
2.2µF, the R
DS(ON) of the charge pump switches and the ESR
of C1 and C2 dominate the output impedance. A lower value
capacitor can be used in systems with low maximum output
power requirements.
Charge Pump Hold Capacitor (C2)
The value and ESR of the hold capacitor (C2) directly affects
the ripple on CPV
SS. Increasing the value of C2 reduces out-
put ripple. Decreasing the ESR of C2 reduces both output
ripple and charge pump output impedance. A lower value ca-
pacitor can be used in systems with low maximum output
power requirements.
Input Capacitor Selection
Input capacitors block the DC component of the audio signal,
eliminating any conflict between the DC component of the
audio source and the bias voltage of the LM48823. The input
capacitors create a high-pass filter with the input resistors
R
IN. The -3dB point of the high pass filter is found using Equa-
tion (1) below.
f = 1 / 2
πR
INCIN
(Hz)
(1)
Where the value of R
IN is given in the Electrical Characteris-
tics Table.
High pass filtering the audio signal helps protect the speakers.
When the LM48823 is using a single-ended source, power
supply noise on the ground is seen as an input signal. Setting
the high-pass filter point above the power supply noise fre-
quencies, 217Hz in a GSM phone, for example, filters out the
noise such that it is not amplified and heard on the output.
Capacitors with a tolerance of 10% or better are recommend-
ed for impedance matching and improved CMRR and PSRR.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com