Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38511 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38511 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38511_09 Datasheet HTML 1Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 2Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 3Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 4Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 5Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 6Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 7Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 8Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Package Type
Package Marking
Supplied As:
1.8
LP38511TJ-1.8
TO263-5 THIN
LP38511TJ-1.8
Tape and Reel
LP38511TS-1.8
TO263-5
LP38511TS-1.8
Rail
LP38511TSX-1.8
TO263-5
LP38511TS-1.8
Tape and Reel
Connection Diagrams
20182904
Top View
TO-263 5 Pin Package
20182905
Top View
TO-263 THIN 5 Pin Package
Pin Descriptions for TO-263 and TO-263 THIN Packages
Pin #
Pin Name
Function
1
EN
Enable. Pull high to enable the output, low to disable the output. This pin has no internal bias
and must be tied to the input voltage, or actively driven.
2
IN
Input Supply Pin
3
GND
Ground
4
OUT
Regulated Output Voltage Pin
5
ERROR
ERROR Flag. A high level indicates that V
OUT is within 15% (VOUT falling) of the nominal
regulated voltage.
TAB/DAP
TAB/DAP
The TO-263 TAB, and the TO-263 THIN DAP, is used as a thermal connection to remove
heat from the device to an external heatsink. The TAB/DAP is internally connected to device
pin 3, and is electrical ground connection.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com