Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38511 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38511 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP38511_09 Datasheet HTML 1Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 2Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 3Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 4Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 5Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 6Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 7Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 8Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65°C to +150°C
Peak Reflow Temperature (Note
3)
PSOP-8
260°C, 30s
TO-263
260°C, 30s
ESD Rating (Note 2)
±2 kV
Power Dissipation(Note 4)
Internally Limited
Input Pin Voltage (Survival)
−0.3V to +6.0V
Enable Pin Voltage (Survival)
−0.3V to +6.0V
Output Pin Voltage (Survival)
−0.3V to +6.0V
ERROR Pin Voltage (Survival)
0.3V to +6.0V
I
OUT(Survival)
Internally Limited
Operating Ratings (Note 1)
Input Supply Voltage, V
IN
2.25V to 5.5V
Enable Input Voltage, V
EN
0.0V to 5.5V
ERROR Pin Voltage
0.0V to V
IN
Output Current (DC)
0 mA to 800 mA
Junction Temperature (Note 4)
−40°C to +125°C
Electrical Characteristics
Unless otherwise specified: V
IN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = VIN. Limits in standard type are for TJ =
25°C only; limits in boldface type apply over the junction temperature (T
J) range of -40°C to +125°C. Minimum and Maximum
limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at
T
J = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Tolerance
(Note 7)
2.25V
≤ V
IN ≤ 5.5V
10 mA
≤ I
OUT ≤ 800 mA
-1.0
−2.5
0
+1.0
+2.5
%
ΔV
OUT/ΔVIN
Output Voltage Line
Regulation
(Notes 5, 7)
2.25V
≤ V
IN ≤ 5.5V
-
0.02
0.06
-
%/V
ΔV
OUT/ΔIOUT
Output Voltage Load
Regulation
(Notes 6, 7)
10 mA
≤ I
OUT ≤ 800 mA
-
0.25
0.40
-
%/A
V
DO
Dropout Voltage
(Note 8)
I
OUT = 800 mA
-
135
225
260
mV
I
GND
Ground Pin Current, Output
Enabled
I
OUT = 10 mA
ERROR pin = GND
-
7.5
11
12
mA
I
OUT = 800 mA
ERROR pin = GND
-
9.5
13
14
Ground Pin Current, Output
Disabled
V
EN = 0.50V
ERROR pin = GND
-
0.1
3.5
12
µA
I
SC
Short Circuit Current
V
OUT = 0V
-
1.5
-
A
Enable Input
V
EN(ON)
Enable ON Threshold
V
EN rising from 0.50V until
V
OUT = ON
0.90
0.80
1.20
1.50
1.60
V
V
EN(OFF)
Enable OFF Threshold
V
EN falling from 1.60V until
V
OUT = OFF
0.60
0.50
1.00
1.40
1.50
V
V
EN(HYS)
Enable Hysteresis
V
EN(ON) - VEN(OFF)
-
200
-
mV
t
d(OFF)
Turn-off delay
Time from V
EN < VEN(OFF) to VOUT =
OFF, I
LOAD = 1.5A
-
1
-
µs
t
d(ON)
Turn-on delay
Time from V
EN >VEN(ON) to VOUT =
ON, I
LOAD = 800 mA
-
25
-
I
EN
Enable Pin Current
V
EN = VIN
-
1
-
nA
V
EN = 0V
-
-1
-
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com