Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS101S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS101S
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS101S Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS101S Datasheet HTML 1Page - NXP Semiconductors BAS101S Datasheet HTML 2Page - NXP Semiconductors BAS101S Datasheet HTML 3Page - NXP Semiconductors BAS101S Datasheet HTML 4Page - NXP Semiconductors BAS101S Datasheet HTML 5Page - NXP Semiconductors BAS101S Datasheet HTML 6Page - NXP Semiconductors BAS101S Datasheet HTML 7Page - NXP Semiconductors BAS101S Datasheet HTML 8Page - NXP Semiconductors BAS101S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS101_BAS101S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 14 December 2009
3 of 11
NXP Semiconductors
BAS101; BAS101S
High-voltage switching diodes
5.
Limiting values
[1]
Tj =25 °C prior to surge
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-300
V
series connection
-
600
V
VR
reverse voltage
-
300
V
series connection
-
600
V
IF
forward current
-
200
mA
series connection
-
100
mA
IFRM
repetitive peak forward
current
tp ≤ 1 ms;
δ≤ 0.25
-1
A
IFSM
non-repetitive peak forward
current
square wave;
tp ≤ 1 μs
[1] -9
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com