Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS101S Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS101S
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS101S Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS101S Datasheet HTML 1Page - NXP Semiconductors BAS101S Datasheet HTML 2Page - NXP Semiconductors BAS101S Datasheet HTML 3Page - NXP Semiconductors BAS101S Datasheet HTML 4Page - NXP Semiconductors BAS101S Datasheet HTML 5Page - NXP Semiconductors BAS101S Datasheet HTML 6Page - NXP Semiconductors BAS101S Datasheet HTML 7Page - NXP Semiconductors BAS101S Datasheet HTML 8Page - NXP Semiconductors BAS101S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BAS101_BAS101S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 14 December 2009
4 of 11
NXP Semiconductors
BAS101; BAS101S
High-voltage switching diodes
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
[2]
When switched from IF = 30 mA to IR =30mA; RL = 100 Ω; measured at IR =3mA.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF =100 mA
[1] --
1.1
V
IR
reverse current
VR = 250 V
-
-
150
nA
VR =250 V; Tj =150 °C
-
-
100
μA
Cd
diode capacitance
VR =0V; f=1MHz
-
-
2
pF
trr
reverse recovery time
[2] -
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com