Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2DC20S20 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HT2DC20S20
Description  HITAG 2 stick transponder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20 Datasheet(HTML) 2 Page - NXP Semiconductors

  HT2DC20S20 Datasheet HTML 1Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 2Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2001 Oct 01
2
Philips Semiconductors
Product specification
HITAG 2 stick transponder
HT2DC20S20
FEATURES
• Identification transponder for use in contactless
applications
• Operating frequency 125 kHz
• Data transmission and supply energy via RF link,
no internal battery
• Reading distance same as writing distance
• Non-volatile memory of 256 bits (128 bits user data,
128 bits control data and secret memory) organized in
8 pages, 4 bytes each
• Ten years non-volatile data retention
• More than 100000 erase/write cycles
• Selective read/write protection of memory content
• Two coding schemes for read operation: biphase and
Manchester coding
• Effective communication protocol with outstanding data
integrity check
• Mutual authentication function
• Read/write mode allows:
– Plain data transmission (password check)
– Encrypted data transmission (crypto mode).
• In read/write mode multi-tag operation possible because
of special HALT function
• Emulation of standard industrial read-only transponders:
– Public mode A (64 bits read-only)
– Public mode B (according to ISO 11785 for animal
identification)
– Public mode C (PIT compatible mode).
• Special features:
– User defined write protection
– Unique 32-bit serial number for each transponder
– Read-only emulation function
– Encrypted data transmission possible.
GENERAL DESCRIPTION
The HITAG(1) stick transponder HT2DC20S20 is a high
performance transponder for bi-directional transmission in
full-duplex between the read and write device and the
transponder.
Data is stored in the transponder in a non-volatile memory
(EEPROM).
The transponder requires no internal power supply; it
derives its power from the magnetic component of the
RF carrier frequency generated by the reader. Data is
transmitted by modulating this carrier.
The HT2DC20S20 is dedicated for use in secure access
systems where the transponder and the reader have to
identify each other. The choosable use of cryptography
enables highest data security. Providing several operating
modes (password, crypto and standard read-only modes)
the versatile transponder can be used in various
applications.
The HALT command can be used after finishing data
exchange to reach the halt state. In this state the
transponder is muted. This feature can be used to have
steady RF field where single transponders are collected
one by one. Each transponder is operated and then
disabled, so it does not interfere with the next transponder.
The HALT state can only be exited by switching off and
removing the magnetic field.
The EEPROM has a capacity of 256 bits and is organized
in 8 pages of 4 bytes. The 8 pages are split up into
4 pages containing user data and into 4 pages for control
of the memory access and for authentication purposes.
The pages of the transponder memory can be protected
against read and write access by setting corresponding
memory flags.
Data transmission from the HT2DC20S20 to the reader
uses Manchester or biphase coding and Amplitude Shift
Keying (ASK) modulation. Absorption modulation is used
to transmit data from the transponder to the reader. The
transponder absorbs the magnetic field which hence
modulates the current in the reader antenna.
Data transmission from the reader to the HT2DC20S20
uses Binary Pulse Length Modulation (BPLM).
(1) HITAG - is a trademark of Philips Semiconductors
Gratkorn GmbH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com