Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2DC20S20 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HT2DC20S20
Description  HITAG 2 stick transponder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HT2DC20S20 Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 9Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 10Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 11Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 12Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2001 Oct 01
9
Philips Semiconductors
Product specification
HITAG 2 stick transponder
HT2DC20S20
LIMITING VALUES
All values are in accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Resistivity against magnetic pulses.
ELECTRICAL CHARACTERISTICS
Period time T0 =8 µs (f0 = 125 kHz); note 1.
Notes
1. All parameters are characterized with the SCEMTEC test equipment (STM-1) available from SCEMTEC,
Reichshof-Wenrath, Germany. All parameters are guaranteed within the temperature range of Tamb = −40 to +85 °C.
2. Maximum available field strength of the test equipment. Transponder limit has not been characterized.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
N
number of erase/write cycles of EEPROM
100000
−
tD(ret)
data retention time of EEPROM
Tamb =55 °C10
−
years
Toper
operating temperature
−40
+85
°C
Tstg
storage temperature
−55
+125
°C
B
magnetic flux density
note 1
−
0.2
T
av
vibration acceleration
10 to 2000 Hz; 3 axis;
IEC 68-2-6; Test Fc
−
10
g
as
shock acceleration
3 axis; IEC 68-2-27;
Test Ea
−
1500
g
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f0
resonant frequency
121
125
129
kHz
B
bandwidth
2.3
−−
kHz
BTHR(p-p)
magnetic flux density for data transmission
from transponder (peak-to-peak value)
f0 = 125 kHz
35
−
400(2)
µT
BPRG(p-p)
magnetic flux density for programming the
EEPROM (peak-to-peak value)
f0 = 125 kHz; m = 0.95;
tLOW =8T0
35
−
400(2)
µT
BAUTH(p-p)
magnetic flux density for mutual
authentication (peak-to-peak value)
f0 = 125 kHz; m = 0.95;
tLOW =8T0
35
−
400(2)
µT
BREAD(p-p)
field absorption due to the modulation of the
transponder (peak-to-peak value)
f0 = 125 kHz;
Bfield =35 µT (p-p)
8
−−µT
MIPRG
modulation index (m) of the base station for
programming and authentication
f0 = 125 kHz;
Bfield =35 µT (p-p);
tLOW =8T0; see Fig.3
95
−
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com