Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2002PL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2002PL
Description  533 MHz PCI-X clock buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK2002PL Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2002PL Datasheet HTML 1Page - NXP Semiconductors PCK2002PL Datasheet HTML 2Page - NXP Semiconductors PCK2002PL Datasheet HTML 3Page - NXP Semiconductors PCK2002PL Datasheet HTML 4Page - NXP Semiconductors PCK2002PL Datasheet HTML 5Page - NXP Semiconductors PCK2002PL Datasheet HTML 6Page - NXP Semiconductors PCK2002PL Datasheet HTML 7Page - NXP Semiconductors PCK2002PL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product data
PCK2002PL
533 MHz PCI-X clock buffer
2002 Oct 10
4
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40 to +85 °C
UNIT
VDD (V)
OTHER
MIN
MAX
VIH
HIGH level input voltage
3.0 to 3.6
2.0
VDD + 0.3
V
VIL
LOW level input voltage
3.0 to 3.6
VSS – 0.3
0.8
V
3.0 to 3.6
IOH = –1 mA
VDD – 0.2
V
VOH
Output HIGH voltage
3.0
IOH = –24 mA
2.0
V
3.0
IOH = –12 mA
2.4
V
3.0 to 3.6
IOL= 1 mA
0.2
V
VOL
Output LOW voltage
3.0
IOL= 24 mA
0.8
V
3.0
IOL= 12 mA
0.55
V
IO
Output HIGH current
3.0
VOUT = 1 V
–50
mA
IOH
Output HIGH current
3.3
VOUT = 1.65 V
–150
mA
IO
Output LOW current
3.0
VOUT = 2.0 V
60
mA
IOL
Output LOW current
3.3
VOUT = 1.65 V
150
mA
±II
Input leakage current
3.6
VI = VDD or GND
±5
µA
ICC
Quiescent supply current
3.6
VI = VDD or GND
IO = 0
100
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com