Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2002PL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK2002PL
Description  533 MHz PCI-X clock buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK2002PL Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK2002PL Datasheet HTML 1Page - NXP Semiconductors PCK2002PL Datasheet HTML 2Page - NXP Semiconductors PCK2002PL Datasheet HTML 3Page - NXP Semiconductors PCK2002PL Datasheet HTML 4Page - NXP Semiconductors PCK2002PL Datasheet HTML 5Page - NXP Semiconductors PCK2002PL Datasheet HTML 6Page - NXP Semiconductors PCK2002PL Datasheet HTML 7Page - NXP Semiconductors PCK2002PL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips
Semiconductors
PCK2002PL
533 MHz PCI-X clock buffer
Product data
Supersedes data of 2002 Mar 15
2002 Oct 10
INTEGRATED CIRCUITS


Similar Part No. - PCK2002PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PL PHILIPS-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
More results

Similar Description - PCK2002PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
140 MHz PCI-X clock buffer
2001 May 09
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
140-MHz PCI-X CLOCK BUFFER
CDCV304 TI-CDCV304_09 Datasheet
293Kb / 12P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com