Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112-27 Datasheet (PDF) - Renesas Technology Corp

ICS9112-27 Datasheet PDF - Renesas Technology Corp
Part # ICS9112-27
Download  ICS9112-27 Download
File Size   84.94 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew PCI / PCI-X Buffer

ICS9112-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9112-27 Datasheet PDF - Renesas Technology Corp

Part # ICS9112-27
Download  ICS9112-27 Click to download

File Size   84.94 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew PCI / PCI-X Buffer

ICS9112-27 Datasheet (HTML) - Renesas Technology Corp


ICS9112-27 Product details

Features
• Frequency range 0 - 140 MHz (3.3V)
• Less than 200 ps Jitter between outputs
• Skew controlled outputs < 100 ps
• Distribute one clock input to one bank of four
outputs
• 3.3V ±10% operation
• Available in 8 pin TSSOP, and SOIC packages.




Similar Part No. - ICS9112-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
More results


Similar Description - ICS9112-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS830584I IDT-ICS830584I Datasheet
281Kb / 12P
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
830584I IDT-830584I Datasheet
122Kb / 12P
Low Skew, PCI-X 1-to-4 Fanout Buffer
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
830584I RENESAS-830584I Datasheet
350Kb / 13P
Low Skew, PCI-X 1-to-4 Fanout Buffer
December 16, 2015
8761I RENESAS-8761I Datasheet
877Kb / 18P
Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com