Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830584I Datasheet (PDF) - Renesas Technology Corp

830584I Datasheet PDF - Renesas Technology Corp
Part # 830584I
Download  830584I Download
File Size   350.19 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, PCI-X 1-to-4 Fanout Buffer

830584I Datasheet (PDF)

Go To PDF Page Download Datasheet
830584I Datasheet PDF - Renesas Technology Corp

Part # 830584I
Download  830584I Click to download

File Size   350.19 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, PCI-X 1-to-4 Fanout Buffer

830584I Datasheet (HTML) - Renesas Technology Corp


830584I Product details

GENERAL DESCRIPTION
The 830584I is a low skew, general purpose PCI-X 1-to-4 Fanout
Buffer and a member of the family of High Performance Clock Solutions
from IDT. Guaranteed output and part-to-part skew characteristics
make the 830584I ideal for those clock distribution applications
demanding well defi ned performance and repeatablility. The 830584I
is designed and characterized from -40°C to 85°C for industrial
applications and is packaged in an 8 TSSOP package.

FEATURES
• General purpose and PCI-X 1:4 clock buffer
• Four single-ended LVCMOS/LVTTL clock outputs
• One single-ended LVCMOS/LVTTL clock input
• Maximum output frequency: 140MHz
• Output enable control (outputs disabled in logic low state)
• Output skew: 100ps (maximum)
• Part-to-part skew: 400ps (maximum)
• Additive phase jitter, RMS: 0.15ps (typical)
• Space-saving 8 lead TSSOP package
• Full 3.3V operating supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - 830584I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830584I IDT-830584I Datasheet
122Kb / 12P
Low Skew, PCI-X 1-to-4 Fanout Buffer
More results


Similar Description - 830584I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
REV. C MAY 21, 2001
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS830584I IDT-ICS830584I Datasheet
281Kb / 12P
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
830584I IDT-830584I Datasheet
122Kb / 12P
Low Skew, PCI-X 1-to-4 Fanout Buffer
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com