Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112-27 Datasheet (PDF) - Integrated Circuit Systems

ICS9112-27 Datasheet PDF - Integrated Circuit Systems
Part # ICS9112-27
Download  ICS9112-27 Download
File Size   230.82 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew PCI / PCI-X Buffer

ICS9112-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9112-27 Datasheet PDF - Integrated Circuit Systems

Part # ICS9112-27
Download  ICS9112-27 Click to download

File Size   230.82 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew PCI / PCI-X Buffer

ICS9112-27 Datasheet (HTML) - Integrated Circuit Systems


ICS9112-27 Product details

General Description
The ICS9112-27 is a high performance, low skew, low jitter PCI / PCI-X clock driver. It is designed to distribute high speed signals in PCI / PCI-X applications operating at speeds from 0 to 140 MHz.
The ICS9112-27 is characterized for operation from -40°C to 85°C for automotive and industrial applications.

Features
• Frequency range 0 - 140 MHz (3.3V)
• Less than 200 ps Jitter between outputs
• Skew controlled outputs < 100 ps
• Distribute one clock input to one bank of four outputs
• 3.3V ±10% operation
• Available in 8 pin TSSOP, and SOIC packages.




Similar Part No. - ICS9112-27

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results


Similar Description - ICS9112-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS830584I IDT-ICS830584I Datasheet
281Kb / 12P
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
830584I IDT-830584I Datasheet
122Kb / 12P
Low Skew, PCI-X 1-to-4 Fanout Buffer
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
830584I RENESAS-830584I Datasheet
350Kb / 13P
Low Skew, PCI-X 1-to-4 Fanout Buffer
December 16, 2015
8761I RENESAS-8761I Datasheet
877Kb / 18P
Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com