Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8761I Datasheet (PDF) - Renesas Technology Corp

8761I Datasheet PDF - Renesas Technology Corp
Part # 8761I
Download  8761I Download
File Size   877.16 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, Low Skew, PCI / PCI-X Clock Generator

8761I Datasheet (PDF)

Go To PDF Page Download Datasheet
8761I Datasheet PDF - Renesas Technology Corp

Part # 8761I
Download  8761I Click to download

File Size   877.16 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, Low Skew, PCI / PCI-X Clock Generator

8761I Datasheet (HTML) - Renesas Technology Corp


8761I Product details

Features
▪ Fully integrated PLL
▪ Seventeen LVCMOS/LVTTL outputs, 15Ω typical output
impedance
▪ Selectable crystal oscillator interface or LVCMOS/LVTTL
REF_CLK
▪ Maximum output frequency: 166.67MHz
▪ Maximum crystal input frequency: 40MHz
▪ Maximum REF_CLK input frequency: 83.33MHz
▪ Individual banks with selectable output dividers for generating
33.333MHz, 66.66MHz, 100MHz and 133.333MHz
simultaneously
▪ Separate feedback control for generating PCI / PCI-X
frequencies from a 20MHz or 25MHz crystal or 33.333MHz or
66.666MHz reference frequency
▪ Cycle-to-cycle jitter: 70ps (maximum)
▪ Period jitter, RMS: 17ps (maximum)
▪ Output skew: 250ps (maximum)
▪ Bank skew: 50ps (maximum)
▪ Static phase offset: 0 ± 150ps (maximum)
▪ Full 3.3V or 3.3V core, 2.5V multiple output supply modes
▪ -40°C to 85°C ambient operating temperature
▪ Available in both standard and lead-free RoHS-compliant
packages




Similar Part No. - 8761I

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8761 BELDEN-8761 Datasheet
244Kb / 2P
Electronic, 2 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
logo
List of Unclassifed Man...
87610601000 ETC2-87610601000 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polyethylene insulation
876106010000 ETC2-876106010000 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polyethylene insulation
87610602000 ETC2-87610602000 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polyethylene insulation
8761060500 ETC2-8761060500 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polyethylene insulation
More results


Similar Description - 8761I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
87604I RENESAS-87604I Datasheet
393Kb / 14P
Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
87608I RENESAS-87608I Datasheet
353Kb / 16P
bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com