Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215CSD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8215CSD
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215CSD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8215CSD Datasheet HTML 1Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 2Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 3Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 4Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 5Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 6Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 7Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 8Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MIN
TYP
MAX
UNITS
Load Current
40
µA
-2.5
2.5
-1.75
1.75
IDD Supply Current
137
250
µA
Load Regulation
3.3
µV/µA
Line Regulation
0.01
%/V
Output Tempco
15
ppm/°C
2.7
11
VDD Supply Voltage Range
2.85
11
V
4.521
4.579
4.636
4.500
4.657
4.500
4.657
4.464
4.693
CONDITIONS
TA = TMIN to TMAX
VDD ............................................................................-0.3V, +12V
VREF..............................................................-0.3V, (VDD + 0.3V)
OUT_, DOUT Outputs....................................-0.3V, (VDD + 0.3V)
+5V Input...................................................................+20V, -0.3V
-5V, +12V, +15V, -12V, -15V Inputs.....................................±50V
DIN Input .......................................................(VDD + 0.3V), -0.3V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.00mW/°C above +70°C) ...........800mW
SO (derate 8.33mW/°C above +70°C) ..........................667mW
CERDIP (derate 9.09mW/°C above +70°C) ..................727mW
Operating Temperature Ranges:
MAX821_C_ _ ......................................................0°C to +70°C
MAX821_E_ _....................................................-40°C to +85°C
MAX821_M_ _ .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX821_C
MAX821_E
MAX821_M
-1.00
1.00
MAX821_E/M
VIN decreasing, TA = +25°C
MAX821_C
MAX821_E
MAX821_M
4.636
4.749
1.25
VIN increasing
TA = +25°C
TA = +125°C
1.75
0.8
V
TA = -55°C
10.431
10.590
10.749
10.404
10.775
VIN decreasing (MAX8215 only), TA = +25°C
MAX821_C
MAX821_E
10.378
10.802
10.325
10.855
MAX821_M
V
TA = TMIN to TMAX
+12V Trip Level
%
+5V Trip Level Hysteresis
Output Voltage Tolerance
Referred to 1.24V
%
-1.5
1.5
TA = +25°C
MAX821_C
TA = TMIN to TMAX
+5V Trip Level
13.036
13.235
13.434
13.003
13.467
VIN decreasing (MAX8216 only), TA = +25°C
MAX821_C
MAX821_E
12.970
13.500
12.904
13.566
MAX821_M
V
TA = TMIN to TMAX
+15V Trip Level
POWER SUPPLY
REFERENCE OUTPUT
COMPARATOR INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com