Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215CSD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8215CSD
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215CSD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8215CSD Datasheet HTML 1Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 2Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 3Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 4Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 5Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 6Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 7Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 8Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
MIN
TYP
MAX
UNITS
MAX821_C
MAX821_E
-10.378
-10.802
-10.325
-10.855
1.25
2.00
Threshold Hysteresis
1.60
2.25
%
MAX821_M
130
168
CONDITIONS
TA = TMIN to TMAX
+15V trip level
-5V trip level
-12V Trip Level
V
I VIN I decreasing, TA = +25°C
-13.003
-13.467
-15V Trip Level
I VIN I decreasing (MAX8216 only), TA = +25°C
V
MAX821_C
MAX821_E
-12.970
-13.500
-12.904
-13.566
MAX821_M
TA = TMIN to TMAX
-4.348
-4.415
-4.482
-4.337
-4.493
-5V Trip Level
I VIN I decreasing, TA = +25°C
V
MAX821_C
MAX821_E
-4.326
-4.500
-4.304
-4.525
MAX821_M
TA = TMIN to TMAX
160
Input Resistance
190
k
Ω
TA = +25°C
-2.00
2.00
-1.75
1.75
-1.5
0
1.5
VIN decreasing, TA = +25°C
+5V input to GND
-5V input to REF
-12V/-15V input to REF
Trip Level with Respect to 1.24V
-2.50
2.50
%
Threshold Hysteresis
1.25
2.00
%
TA = +25°C
Input Bias Current
210
nA
TA = +25°C
MAX821_C
MAX821_E
MAX821_M
-10.431 -10.590 -10.749
-13.036 -13.235 -13.434
-10.404
-10.776
+12V/+15V input to GND
1.25
2.00
+12V trip level
1.50
2.25
-12V trip level
1.50
2.25
-15V trip level
Hysteresis Tempco, ±15, ±12, -5
%/°C
0.005
TA = +25°C
VOL; VDD = 5V, ISINK = 2mA
0.11
0.3
VDD = 1.5V, ISINK = 0.2mA
0.04
0.3
Voltage Output Low
VDD = 1.0V, ISINK = 0.1mA
0.10
V
Leakage Current
Off State
1.0
µA
Comparator Response Time
(All Comparators)
30mV overdrive (Note 1)
20
µs
Note 1: To overdrive the +5V/+12V/+15V comparators with a 30mV overdrive voltage, use the formula 30mV
to determine the required input voltage. VTHR is the threshold of the particular overdriven comparator. To overdrive the
-5V/-12V/-15V comparators use 30mV
.
(
VTHR
1.24 )
I
VTHR
1.24 I
[1+
]
AUXILIARY COMPARATOR INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com