Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX709_C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX709_C/D
Description  Power-Supply Monitor with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX709_C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX709_C/D Datasheet HTML 1Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 2Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 3Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 4Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX709_C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power-Supply Monitor with Reset
________________________________________________________________ Maxim Integrated Products
1
N.C.
N.C.
RESET
VCC
N.C.
GND
N.C.
N.C.
1
2
3
4
8
7
6
5
DIP/SO/
µMAX
MAX709
__________________Pin Configuration
TOP VIEW
RESET
GND
GND
VCC
VCC
µP
MAX709
RESET
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0136; Rev. 2; 12/05
_______________General Description
The MAX709 provides a system reset during power-up,
power-down, and brownout conditions. When VCC falls
below the reset threshold, RESET goes low and holds
the µP in reset for 140ms min after VCC rises above the
threshold.
The RESET output is guaranteed to be in the correct
state with VCC down to 1V. The MAX709 provides
excellent circuit reliability and low cost by eliminating
external components and adjustments when used with
+5V, +3.3V, or +3V powered systems. The MAX709 is
available 8-pin DIP, µMAX, and SO packages.
_______________________Applications
Minimum Component Count,
Low-Cost Processor Systems
___________________________Features
♦ +5V, +3.3V, and +3V Versions
♦ No External Components
♦ Low Cost
♦ Precise Power-Down Reset Threshold
♦ 140ms Min Power-On Reset Delay
♦ Immune to Short Negative V
CC Transients
♦ 8-Pin DIP, µMAX, and SO Packages
♦ Low Supply Current: 35µA - MAX709R/S/T
65µA - MAX709L/M
______________Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX709_CPA
0°C to +70°C
MAX709_CSA
0°C to +70°C
8 SO
MAX709_C/D
0°C to +70°C
Dice
MAX709_EPA
-40°C to +85°C
8 Plastic DIP
MAX709_ESA
-40°C to +85°C
8 SO
8 Plastic DIP
Devices are available in both leaded and lead-free packaging.
Specify lead free by adding the + symbol at the end of the part
number when ordering.
*Dice are specified at TA = +25°C,DC parameters only.
Note: This part offers a choice of five different reset threshold
voltages. Select the letter corresponding to the desired
nominal reset threshold voltage, and insert it into the
blank to complete the part number.
RESET THRESHOLD
SUFFIX
VOLTAGE (V)
L
4.65
M
4.40
T
3.08
S
2.93
R
2.63
MAX709_CUA
0°C to +70°C
8 µMAX
MAX709_EUA
-40°C to +85°C
8 µMAX


Similar Part No. - MAX709_C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX709LC/D MAXIM-MAX709LC/D Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX709MC/D MAXIM-MAX709MC/D Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX709RC/D MAXIM-MAX709RC/D Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX709SC/D MAXIM-MAX709SC/D Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX709TC/D MAXIM-MAX709TC/D Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
More results

Similar Description - MAX709_C/D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM709 AD-ADM709 Datasheet
224Kb / 4P
Power Supply Monitor with Reset
REV.0
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
Power Supply reset Monitor with 1% Precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com