Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA2R Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXA2R
Description  Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXA2R Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AXA2R Datasheet HTML 1Page - Panasonic Semiconductor AXA2R Datasheet HTML 2Page - Panasonic Semiconductor AXA2R Datasheet HTML 3Page - Panasonic Semiconductor AXA2R Datasheet HTML 4Page - Panasonic Semiconductor AXA2R Datasheet HTML 5Page - Panasonic Semiconductor AXA2R Datasheet HTML 6Page - Panasonic Semiconductor AXA2R Datasheet HTML 7Page - Panasonic Semiconductor AXA2R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AXA2R
8. Device design
1) Contact failure may result if dust or dirt
enters the contact section. Please take
appropriate measures when designing
the device to prevent this from
happening, for example by adding a
cover.
2) To ensure smooth insertion and
removal of cards, please design the
chassis so that no force is applied to the
metal shell on top of the socket. If a force
is present that pushes down on the metal
shell, the card will be pressed, which
might prevent ejection.
3) Please provide a guide or similar to
keep the socket from having force applied
to it when inserting and removing.
9. Card jump-out prevention function
1) This socket has a card jump-out
prevention function that works under
defined conditions. However, we strongly
recommend that you instruct users to
carefully handle the product to avoid
accidents due to improper use or product
liability risks.
2) The life of the card jump-out prevention
function is not guaranteed under the
following conditions: (1) while the card is
inserted incompletely, (2) while the card
is inserted in the wrong direction, and (3)
after the card is inserted in the wrong
direction
3) In order to prevent card jump-out,
resistance has been added that affects
card insertion and removal. Therefore,
you will feel resistance when inserting
and removing the card. This is normal.
10. Others
If you coat the PC board after soldering
for insulation and to prevent wear, make
sure that the coating does not adhere to
the connector.
For other details, please verify with
the product specification sheets.
panasonic-electric-works.net/ac
To be transferred to Honda Tsushin kogyo Co.,Ltd. from October 1, 2009



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com