Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA2R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXA2R
Description  Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXA2R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXA2R Datasheet HTML 1Page - Panasonic Semiconductor AXA2R Datasheet HTML 2Page - Panasonic Semiconductor AXA2R Datasheet HTML 3Page - Panasonic Semiconductor AXA2R Datasheet HTML 4Page - Panasonic Semiconductor AXA2R Datasheet HTML 5Page - Panasonic Semiconductor AXA2R Datasheet HTML 6Page - Panasonic Semiconductor AXA2R Datasheet HTML 7Page - Panasonic Semiconductor AXA2R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AXA2R
PRODUCT TYPES
SPECIFICATIONS
1. Characteristics
Note: *1. The above characteristics cannot be guaranteed when a card other than the specified ones is used.
2. Material and surface treatment
Product
name
Eject type
Card detection
switch
Card jump-out
prevention
function
Mounting
type
Standoff
height
(mm)
Part No.
Packing quantity
Inner carton
Outer carton
Sockets for
SD memory
card
(R type)
Push-push
type
Available
Available
Standard
mounting
type
0
AXA2R73061
∗
Asterisk “
∗ ” mark on end of
Part No.;
P: 350 pieces (1 reel)
(Embossed tape package)
T: 35 pieces (1 tray)
(Tray package)
Asterisk “
∗ ” mark on end of
Part No.;
P: 700 pieces (2 reels)
(Embossed tape package)
T: 700 pieces (20 trays)
(Tray package)
1. 5
AXA2R73361
∗
Reverse
mounting
type
0
AXA2R63061
∗
1.5
AXA2R63361
∗
Not available
Standard
mounting
type
0
AXA2R73021
∗
1.5
AXA2R73321
∗
Reverse
mounting
type
0
AXA2R63021
∗
1.5
AXA2R63321
∗
Item
Specifications
Condition
Electrical
characteristics
Rated Current
0.5 A/1 terminal
Contact resistance
Signal contact portion: Max. 100m
Ω (Initial)
Detection contact portion: Max. 150m
Ω (Initial)
(Card detection and write protection detection)
Measured based on the HP4338B measurement
method of JIS C5402
Insulation resistance
Min. 1,000M
Ω (Initial)
Using 500V DC megger (applied for 1 min.)
Breakdown voltage
500V AC for 1 min.
Rated voltage is applied for one minute and check
for short circuit or damage with a detection current
of 1 mA.
Mechanical
characteristics
Vibration resistance
Frequency: 10 to 55 Hz
Acceleration: 20.0 m/s2 {2.0G}
No current interruption for more than 0.1
µs
Card insertion force
Max. 40N
Card removal force
Min. 1N, Max. 40N
Lifetime
characteristics
Insertion and removal
life of card
Insertion and removal life: 10,000 times
Contact resistance after testing:
Signal contact portion: Max. 100m
Ω
Detection contact portion: Max. 150m
Ω
(Card detection and write protection detection)
Insertion and removal speed are at a rate of 600
times/hour or less.
Environmental
characteristics
Ambient temperature
–25
°C to +90°C
No freezing or condensation in low temperatures
Storage temperature
–40
°C to +90°C (The allowable storage temperature is –40°C to +50°C
if unopened from original packaging)
No freezing or condensation in low temperatures
Resistance to soldering
heat
Reflow soldering: peak temperature 250
°C or less
Hand soldering: Soldering iron temperature 300
°C, 5 sec. or less
Sockets (shell) surface temperature for using
infrared reflow soldering machine
Humidity tolerance
(mated condition)
Contact resistance:
Signal contact portion: Max. 100m
Ω
Detection contact portion: Max. 150m
Ω
(Card detection and write protection detection)
Insulation resistance: Min. 100 M
Ω
MIL-STD-1344A, METHOD 1002
Temperature: 40
±2°C, Humidity: 90 to 95%RH,
Test time: 500 hours
Applicable memory card
SD memory card*1
Unit weight
2.9g
Portion
Material
Surface
Signal contact
Copper alloy
Contact portion: Ni plating on base, PdNi plating + Au flash plating
Soldering portion: Ni plating on base, Au plating on surface
Detection contact
Contact/Soldering portion: Ni plating on base, Au plating on surface
Retention solder tab
Stainless steel
Soldering portion: Ni strike, Partial Au plating
panasonic-electric-works.net/ac
To be transferred to Honda Tsushin kogyo Co.,Ltd. from October 1, 2009



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com