Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA2R63321 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXA2R63321
Description  Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXA2R63321 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AXA2R63321 Datasheet HTML 1Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 2Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 3Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 4Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 5Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 6Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 7Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AXA2R
4. On board mounting reverse type (Standoff 1.5mm)
Part No.
AXA2R63361
∗
(With card jump-out prevention function)
AXA2R63321
∗
(Without card jump-out prevention function)
Card center
19.15
17.50
2.50
9.375
0.625
14.65
13.50
28.15
17.50
(Contact pitch) 2.50
±0.1
1.65
±0.1
14.55
(0.625)
27.95
0.60
Terminal coplanarity
(Signal/Detection contact)
SD memory card
0.10
2.70
0.70
(2.10)
(4.90)
*1.58 (Standoff dimensions)
Detailed internal view
View of set card
3
2
1
SD memory card
(24.00)
Circuit schematic
No. 3
No. 2
No. 1
Recommended PC board pattern (TOP VIEW)
PC board both side
Substrate edge
Socket edge
Through hole
0.60
±0.05
0.40
±0.05
14.55
±0.05
1.60
±0.05
0.60
±0.05
0.40
±0.05
12.45
±0.05
1.00
±0.05
1.55
±0.05
12.25
±0.05
19.15
±0.05
17.50
±0.05
0.625
±0.05
2.50
±0.05 (Pitch)
1.75
±0.05
27.95
±0.05
1.60
±0.05
(R)
* Standoff dimension is the dimension that takes into account the solder resist or
silk screen printing thickness on the PC board in order to preserve the dimension
from the surface of the PC board to the bottom of the socket.
Recommended metal mask pattern
Metal mask thickness: 120
µm
Metal mask opening area ratio: 80%
Metal mask opening area ratio: 100%
Metal mask opening area ratio: 75%
Socket edge
9-1.0
±0.03
17.5
±0.05 (2.5×7)
2.5
±0.05 (pitch)
1.65
±0.05
29.95
±0.05
1.60
±0.03
1.60
±0.03
1.31
±0.03
6.27
±0.05
5.88
±0.05
1.75
±0.03
1.55
±0.03
Contact status of the card detection and write protect switches
Card attachment
condition
Write protect switch
Card detection
switch
Write unable
Write enable
Card not attached
Open
Open
Open
Card attached
Open
Closed
Closed
Terminal number
1–21–3
CAD Data
panasonic-electric-works.net/ac
To be transferred to Honda Tsushin kogyo Co.,Ltd. from October 1, 2009



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com