Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA2R63321 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXA2R63321
Description  Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXA2R63321 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXA2R63321 Datasheet HTML 1Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 2Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 3Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 4Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 5Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 6Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 7Page - Panasonic Semiconductor AXA2R63321 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AXA2R
ORDERING INFORMATION
Enhanced robustness and EMI resistance
achieved by the laser-welded double-sided metal
shell (SDHC card compatible, with card jump-out
and wrong insertion prevention functions)
SOCKETS FOR
SD MEMORY CARD (RTYPE)
Standard type
Reverse type
Metal shell
SDIO ground tab
contact supported
(supports SDIO)
Metal shell
Card detection
and write protect
switches
Compliance with RoHS Directive
FEATURES
1. Superior EMI resistance and
terminal coplanarity achieved by the
double-sided metal shell
The laser-welded double-sided shell has
high robustness and shielding
performance. Providing a ground pattern
when mounting the socket is effective for
EMI protection.
The high resistance to reflow heat
prevents the reflow process from
degrading the terminal coplanarity.
2. The structures of the card detection
and write protection switches prevent
the card thickness from affecting the
detection accuracy.
The side detection system and the highly
dust-resistant V notch contact structure
ensure high contact reliability.
3. Equipped with the card jump-out
prevention function existence
4. Card locking structure for forced
ejection protection
The lock pin in the metal shell prevents
unwanted ejection of the card.
5. Compatible with the SDIO standard
(with ground tab)
Compatible with the SDIO standard,
allowing use for expansion modules with
an interface function
APPLICATIONS
• DSCs, DVCs, PDAs, handheld
terminals, notebook PCs, gaming
consoles, car navigation systems,
portable audio devices, etc. that use
an SD card
• What is V notch construction?
By making contact with the edges and thus
increasing the contact pressure, this
product can eliminate foreign matters more
effectively than conventional products.
[Cross Section of Contacts]
Fixed contact
Two-point contact
(edge contact)
Movable
contact
(R type)
(Conventional type)
<Product without a notch>
<V notched product>
2R: Sockets for SD memory card (R type)
<Board mounting direction>
6: On board mounting reverse type (outside terminal)
7: On board mounting standard type (outside terminal)
AXA
2
R
3
1
<Eject type>
3: Push-push type
<Function>
2: Without card jump-out prevention function,
with card detection switch and with write protect switch
6: With card jump-out prevention function,
with card detection switch and with write protect switch
<Packing>
T:
P:
35 pcs. tray package
× 20 trays
350 pcs. embossed tape and paper reel package
× 2 reels
<Standoff height>
0: Without standoff
3: Stand off 1.5 mm
<Terminal/Positioning boss>
1: SMD terminal/With positioning boss
panasonic-electric-works.net/ac
To be transferred to Honda Tsushin kogyo Co.,Ltd. from October 1, 2009


Similar Part No. - AXA2R63321

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXA2R63321P PANASONIC-AXA2R63321P Datasheet
480Kb / 8P
Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
AXA2R63321T PANASONIC-AXA2R63321T Datasheet
480Kb / 8P
Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
More results

Similar Description - AXA2R63321

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXE1 VECTRON-VXE1 Datasheet
61Kb / 2P
VXE1 Resistance Welded Crystal
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
Resistance Welded Miniature Crystal Units
18-Oct-07
logo
RSG Electronic Componen...
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Dubilier
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
logo
Panasonic Semiconductor
AXA2R73061P PANASONIC-AXA2R73061P Datasheet
480Kb / 8P
Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
logo
Dubilier
DXT49 DUBILIER-DXT49 Datasheet
175Kb / 1P
RESISTANCE WELDED HOLDER
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
Reliability and robustness
logo
TXC Corporation.
9B-SERIES TXC-9B-SERIES Datasheet
1,000Kb / 1P
Resistance welded type crystal units.
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_V01 Datasheet
74Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com