Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM30 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SMM30
Description  Square Ceramic Surface Mount Medium Blow Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMM30 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SMM30 Datasheet HTML 1Page - Bel Fuse Inc. SMM30 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMMC Sept.,2010
Mechanical Dimensions
Type SMM
Square Ceramic Surface Mount Medium Blow Fuse
3812 Size
RoHS6 Compliant
Pb
SMM - TIME CURRENT CHARACTERISTIC CURVE
0.01
0.1
1
10
100
1000
10000
100000
10
100
1000
CURRENT IN AMPERES
20A
25A
30A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com