Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM30 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SMM30
Description  Square Ceramic Surface Mount Medium Blow Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMM30 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SMM30 Datasheet HTML 1Page - Bel Fuse Inc. SMM30 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMMD Sept.,2010
Catalog
Number
Ampere
Rating
Typical Cold
Resistance
Volt-drop
@100% In
Melting I²t
@10In
Maximum
Power
(ohm)
(Volt) max. (A²Sec) min.
Dissipation
(W)
SMM 20
20A
0.0025
0.09
270
1.8
SMM 25
25A
0.0019
0.08
420
2.0
SMM 30
30A
0.0013
0.07
1000
2.1
Electrical Characteristics
Minimum
Maximum
100%
4 hrs
N/A
200%
N/A
60 sec
Approvals
Safety Agency Approvals
Physical Specification
Materials
Soldering Guidelines
Ceramic Body / Matte Tin Plated Brass Caps
Reflow Conditions Recommended: 240°C, 30 sec. max.
Marking
Pb-Free Process Compatibility:
NOT Recommended for Wave solder / Direct immersion / Hand Solder
Packaging
Environmental Specification
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition I (100 G's peak for 6 milliseconds).
Mechanical Dimensions
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test condition B (48 hrs).
Thermal Shock Resistance
MIL-STD-202G, Method 107G, Test Condition B (-65°C to +125°C)
Insulation Resistance:
MIL-STD-202G, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum
Solderability:
MIL-STD-202G, Method 208H
Soldering Heat Resistance:
MIL-STD-202G, Method 210F
Operating Temperature
-55°C to +85°C Max.
NOTES:
– TEST CONDITIONS
For all SMM data, as well as UL Component investigation, all tests were conducted with fuse samples soldered on a PCB (1.6mm thick) test
board with copper traces measuring 0.1 mm nominal thickness (3 oz.clad), 10mm wide and 100 mm overall length.
– UL Condition of Acceptability
- the following information is contained in the UL Component Recognition for SMM Fuse Series:
The maximum temperature recorded in open air was 100
oC in a 21 oC ambient (79 oC rise). Consideration should be given to checking
operating temperatures in end-use application with regard to thermal index of surrounding materials and components.
(Maximum temperature recorded at 80% of rating (24A) for the SMM30 rating was 69 C (48 C rise).
CAUTION:
– MINIMUM FUSING POINT :
The SMM Series fuses are NOT intended to be operated at currents between 100% and 200% of ampere rating. Prolonged operation at currents
in this range may result in overheating of the fuse and/or desoldering of the fuse caps from the PCB pad.
When soldered to test boards using IR reflow in accordance with JEDEC
J-STD-020 (260°C, 40 sec. max.), SMM samples exhibited DCR change of
+10% to -20% from initial values.
Subsequent tests showed all samples complied with the stated electrical
characteristics on this data sheet.
On fuse:
"bel", "Current Rating" in black
Amp range / I.R. ability @ Volt
Blow Time
Testing Current
20A - 30A / 100A@ 250V AC resistive
150A@125V AC resistive
300A@ 65V DC resistive
Recognized File No. E20624
Consult manufacturer for other ratings
'On label:
"
bel", "SMM", Current Rating, Voltage Rating, Interrupting Rating,
Safety Logo and "
","
"(China RoHS compliant)
2,000 fuses in 13 inches dia. reel, 16mm wide tape, 8mm pitch, per EIA Standard
481
Type SMM
Square Ceramic Surface Mount Medium Blow Fuse
3812 Size
RoHS6 Compliant
Pb
2.0±0.2mm
(0.08''±0.008'')
3.8mm
(0.15")
5.6mm
(0.22")
9.8±0.2mm
(0.39''±0.008'')
3.1±0.1mm
(0.12''±0.004'')
3.1±0.1mm
(0.12''±0.004'')
4.1mm
(0.16")


Similar Part No. - SMM30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMM30 BEL-SMM30 Datasheet
1Mb / 4P
Type SMM
logo
CUI INC
SMM30 CUI-SMM30 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
SMM30-12 CUI-SMM30-12 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
SMM30-12-K-P5 CUI-SMM30-12-K-P5 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
SMM30-15 CUI-SMM30-15 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
More results

Similar Description - SMM30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST375 BEL-SST375 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0678L BEL-0678L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678D BEL-0678D Datasheet
1Mb / 4P
SQUARE CERAMIC SURFACE MOUNT FAST BLOW FUSE
0678D0500-XX BEL-0678D0500-XX Datasheet
1,017Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0678L9100-XX BEL-0678L9100-XX Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0680L BEL-0680L Datasheet
841Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com