Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7E50 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7E50
Description  CF Card Ejector and Latching Retainer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7E50 Datasheet(HTML) 1 Page - 3M Electronics

  7E50 Datasheet HTML 1Page - 3M Electronics 7E50 Datasheet HTML 2Page - 3M Electronics 7E50 Datasheet HTML 3Page - 3M Electronics 7E50 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ CF Card Ejector and Latching Retainer
for CompactFlash™ Header, Type II, Long Guides
7E50 Series
• Mounts to 3M’s CompactFlash™ Type II, Long
Guide, Surface Mount Headers
• Modular "snap on" design and multiple button types
for design flexibility
• Can be used with either top or bottom mount
(normal or inverse polarization) headers
• Latching retainer is used with normal polarization
3M's Compact Flash™ Type II headers
• Latching Retainer can be also use with
3M™ Connector for CFast™ Card
• Latching Retainer provides enhanced retaining
strength to the card and keeps it in place under high
vibration environment
• Can be preassembled to connector to reduce handling
and assembly time
• Meets CFAstandards for known compatibility and
reliability
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS Compliance" section
of www.3Mconnector.com for compliance
information (RIAE1 and C1 apply)
Date Modified: June15, 2010
TS-2154-D
Sheet 1 of 3
Physical
Button
Material: Glass-filled high temperature thermoplastic
Flammability: UL94V-0
Color: Black
Frame
Material: Stainless steel
Environmental
Process Rating: 260°C (per J-STD-020C)
CompactFlash is a registered trademark of Sandisk Corporation.


Similar Part No. - 7E50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7E50 3M-7E50 Datasheet
1Mb / 4P
CompactFlash™ Type I, Surface Mount
July 25, 2014
7E50 3M-7E50_V01 Datasheet
1Mb / 4P
CompactFlash™ Type I, Surface Mount
July 25, 2014
More results

Similar Description - 7E50

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
Industrial CF Card
logo
CAMBION Electronic Comp...
415-7036 CAMBION-415-7036 Datasheet
130Kb / 2P
Card Edge Ejector
logo
Yamaichi Electronics Co...
CF050P-003-00DS YAMAICHI-CF050P-003-00DS Datasheet
100Kb / 1P
Compact Flash Card Reader, Type I (w. and w/o Ejector)
logo
Molex Electronics Ltd.
0553640011 MOLEX7-0553640011 Datasheet
272Kb / 6P
1.27mm (.050") CF Card Ejector: Left Side Button, Push-Push Type
0553650011 MOLEX7-0553650011 Datasheet
131Kb / 3P
1.27mm (.050") CF Card Ejector: Right Side Button, Push-Push Type
logo
3M Electronics
91736 3M-91736 Datasheet
424Kb / 5P
3M™ CF Card Header
23-Sep-2005
logo
Adam Technologies, Inc.
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
logo
TE Connectivity Ltd
MDR TEC-MDR Datasheet
352Kb / 2P
AC and DC coils, latching and non-latching
logo
PHOENIX CONTACT
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
Memory card - 16GB CF
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
Memory card - 32GB CF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com