Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7G24 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7G24
Description  3M™ Connector for CFast™ Card
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7G24 Datasheet(HTML) 1 Page - 3M Electronics

  7G24 Datasheet HTML 1Page - 3M Electronics 7G24 Datasheet HTML 2Page - 3M Electronics 7G24 Datasheet HTML 3Page - 3M Electronics 7G24 Datasheet HTML 4Page - 3M Electronics 7G24 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Connector for CFast™ Card
7G24 Series
• HeadersmatewithbothCFast™TypeIandTypeII
cards
• Extendedguiderailsenableaccurateandeasycard
insertion
• Singlerowsurfacemountsoldertailsfacilitateauto
placementandIRsoldering
• Optional2mmboardstandoffenablesboard
population
• MeetsCFAstandardsforknowncompatibilityand
reliability
• Optionalejectorandcardretainercanbepurchased
pre-assembledorseparately
• Integralsidesoldertabwithcardgroundingfeature
andalsopreventthecardfrom‘flying’outofheader
duringejection
• SeetheRegulatoryInformationAppendix(RIA)in
the“RoHScompliance”sectionof
www.3Mconnector.comforcompliance
information(RIAE1&C1apply)
Date Modified: May 12, 2010
TS-2329-A
Sheet 1 of 4
Physical
Insulation:
Material: High Temperature Thermoplastic
Flammability: UL94V-0
Color: Beige
Contact:
Material: CopperAlloy
Terminal Plating:
Underplating: 80 µ" [2.03 µm] Min. Nickel
WipingArea: 15 µ” or 30 µ” [0.38 – 0.76 µm] Min. Gold
Solder Tail: 100 µ” [2.54 µm] Min. Matte Tin
Electrical
Current Rating: 1.5Aper pin
Insulation Resistance: 103 MΩ at 500V
AC
Withstanding Voltage: 500VAC for 1 minute
Environmental
Temperature Rating: -40°C to 85°C
Process Temperature Rating: Max. 260°C (per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)


Similar Part No. - 7G24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7G2.5SH BELDEN-7G2.5SH Datasheet
148Kb / 2P
MachFlex™ 350 SH, 6C 1G 2.5 mm² Str BC, PP Ins, LSZH Inner Jkt, GSW Brd, LSZH Outer Jkt
03-05-2024
7G2.5SH-006100M BELDEN-7G2.5SH-006100M Datasheet
148Kb / 2P
MachFlex™ 350 SH, 6C 1G 2.5 mm² Str BC, PP Ins, LSZH Inner Jkt, GSW Brd, LSZH Outer Jkt
03-05-2024
7G2.5SH-006200M BELDEN-7G2.5SH-006200M Datasheet
148Kb / 2P
MachFlex™ 350 SH, 6C 1G 2.5 mm² Str BC, PP Ins, LSZH Inner Jkt, GSW Brd, LSZH Outer Jkt
03-05-2024
7G2.5SH-006300M BELDEN-7G2.5SH-006300M Datasheet
148Kb / 2P
MachFlex™ 350 SH, 6C 1G 2.5 mm² Str BC, PP Ins, LSZH Inner Jkt, GSW Brd, LSZH Outer Jkt
03-05-2024
7G2.5SH-010100M BELDEN-7G2.5SH-010100M Datasheet
148Kb / 2P
MachFlex™ 350 SH, 6C 1G 2.5 mm² Str BC, PP Ins, LSZH Inner Jkt, GSW Brd, LSZH Outer Jkt
03-05-2024
More results

Similar Description - 7G24

ManufacturerPart #DatasheetDescription
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
6901 3M-6901 Datasheet
61Kb / 8P
3M™ 6901 Multimode ST* Crimplok Connector
June 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com