Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB6000 Datasheet(PDF) 4 Page - 3M Electronics

Part # AB6000
Description  EMI Absorber with Shielding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AB6000 Datasheet(HTML) 4 Page - 3M Electronics

  AB6000 Datasheet HTML 1Page - 3M Electronics AB6000 Datasheet HTML 2Page - 3M Electronics AB6000 Datasheet HTML 3Page - 3M Electronics AB6000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M
™ EMI Absorber with Shielding AB6000 Series, AB 6000S Series,
and AB6000G Series
4 of 4
Shelf Life &
This product has a 5-year shelf life from date of manufacture when stored in a
Storage
humidity controlled storage (50°F/10°C to 80°F/27°C and <75% relative humidity).
Availability
Please contact your local distributor, available from 3M.com/electrical [Where to Buy]
or call 1-800-245-3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on
information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this
product, you must evaluate it and determine if it is suitable for your intended application. You assume all
risks and liability associated with such use. Any statements related to the product which are not contained
in 3M’s current publications, or any contrary statements contained on your purchase order shall have no
force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited
This product will be free from defects in material and manufacture at the time of purchase.
3M MAKES
Remedy; Limited
NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
Liability
MERCHAN OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty
period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or
refund the purchase price of the 3M product.
Except where prohibited by law, 3M will not be liable for
any indirect, special, incidental or consequential loss or damage arising from this 3M product,
regardless of the legal theory asserted.
3M is a trademark of 3M Company.
30
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800 676 8381
Please recycle.
FAX 800 828 9329
© 3M 2008 All rights reserved.
www.3M.com/electrical/oem
78-8127-7018-4_A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com