Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB6000 Datasheet(PDF) 2 Page - 3M Electronics

Part # AB6000
Description  EMI Absorber with Shielding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AB6000 Datasheet(HTML) 2 Page - 3M Electronics

  AB6000 Datasheet HTML 1Page - 3M Electronics AB6000 Datasheet HTML 2Page - 3M Electronics AB6000 Datasheet HTML 3Page - 3M Electronics AB6000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
EMI Absorber with Shielding AB6000 Series, AB 6000S Series,
and AB6000G Series
2 of 4
Typical Properties
Technical information provided consists of typical product data and should not be used for
specification purposes. Unless otherwise noted, all tests are performed at room temperature.
Physical
1 Test method ASTM D-4935.
2 MIL-STD-202 Method 307 maintained at 5 psi (3,4 N/cm2) measured over in2 surface
area.
Conductive particles in the adhesive provide the electrical path between the
application substrate and foil backing.
Power Loss Property on Microstrip Line (50Ω)
Property (Test Method)
Typical Value
US units (metric)
Color
AB6000G – Grey
AB6000S - Silver
Adhesive
Acrylic non-conductive pressure-sensitive
Type of Backing
Metal shielding layer and Absorption layer
Thickness
Total Thickness
Absorber Thickness
AB6005
4.13 mil (0.105 mm)
1.97 mil (0.050 mm)
AB6005S
4.13 mil (0.105 mm)
1.97 mil (0.050 mm)
Frequency Range
10MHz – 18 GHz
Operating Temperature
-.22 - 221°F (-30 – 105°C)
Shielding Effectiveness
1
Min 40db (30MHz – 1GHz)
Adhesion Strength
2
8.8 oz/in (250gf/25 mm)
EMI Absorber with Shielding AB6000 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com